Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAN8820 Datasheet(PDF) 79 Page - Microchip Technology

Part # LAN8820
Description  RGMII 10/100/1000 Ethernet Transceiver
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8820 Datasheet(HTML) 79 Page - Microchip Technology

Back Button LAN8820 Datasheet HTML 75Page - Microchip Technology LAN8820 Datasheet HTML 76Page - Microchip Technology LAN8820 Datasheet HTML 77Page - Microchip Technology LAN8820 Datasheet HTML 78Page - Microchip Technology LAN8820 Datasheet HTML 79Page - Microchip Technology LAN8820 Datasheet HTML 80Page - Microchip Technology LAN8820 Datasheet HTML 81Page - Microchip Technology LAN8820 Datasheet HTML 82Page - Microchip Technology LAN8820 Datasheet HTML 83Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 79 / 83 page
background image
 2009-2015 Microchip Technology Inc.
DS00001871B-page 79
LAN8820/LAN8820I
FIGURE 2-1: 56-QFN Pin
Assignments (TOP VIEW)
on page 5, Table 2-1,
“RGMII Interface Pins,” on
page 6. Table 2-6,
“Miscellaneous Pins,” on
page 9, Table 2-8, “56-QFN
Pin Assignments,” on
page 11
Updated pin 21 definition to no connect (NC).
Section 3.7.1, "General
Power-Down," on page 23,
Section 3.7.2, "Energy
Detect Power-Down," on
page 23, Table 3-4,
“Configuration Straps,” on
page 24, Section 3.8.1.2.2,
"Configuring the Mode of
Operation (CONFIG[3:2]),"
on page 26, Table 3-8,
“Configuring the Mode of
Operation,” on page 26,
FIGURE 3-6: Simplified
Application Diagram on
page 32, Section 4.2.16,
"Extended Mode Control/
Status Register," on page 47
Removed references to MACCLK and updated
definition of bit 3 of the Extended Mode Control/
Status Register.
Rev. 1.0 (08-02-12)
All
Commercial temperature range set to the standard
0 to 70C (was previously listed as “extended
commercial” temp. of 0 to 85C)
Rev. 1.0 (06-29-11)
All
Initial release
TABLE 6-2:
REVISION HISTORY (CONTINUED)
Revision Level & Date
Section/Figure/Entry
Correction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com