Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAN9354 Datasheet(PDF) 74 Page - Microchip Technology

Part # LAN9354
Description  3-Port 10/100 Managed Ethernet Switch
PDF  487 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9354 Datasheet(HTML) 74 Page - Microchip Technology

Back Button LAN9354 Datasheet HTML 70Page - Microchip Technology LAN9354 Datasheet HTML 71Page - Microchip Technology LAN9354 Datasheet HTML 72Page - Microchip Technology LAN9354 Datasheet HTML 73Page - Microchip Technology LAN9354 Datasheet HTML 74Page - Microchip Technology LAN9354 Datasheet HTML 75Page - Microchip Technology LAN9354 Datasheet HTML 76Page - Microchip Technology LAN9354 Datasheet HTML 77Page - Microchip Technology LAN9354 Datasheet HTML 78Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 487 page
background image
LAN9354
DS00001926B-page 74
 2015 Microchip Technology Inc.
8.3.2
INTERRUPT STATUS REGISTER (INT_STS)
This register contains the current status of the generated interrupts. A value of 1 indicates the corresponding interrupt
conditions have been met, while a value of 0 indicates the interrupt conditions have not been met. The bits of this register
reflect the status of the interrupt source regardless of whether the source has been enabled as an interrupt in the Inter-
rupt Enable Register (INT_EN). Where indicated as R/WC, writing a 1 to the corresponding bits acknowledges and
clears the interrupt.
Offset:
058h
Size:
32 bits
Bits
Description
Type
Default
31
Software Interrupt (SW_INT)
This interrupt is generated when the Software Interrupt Enable
(SW_INT_EN) bit of the Interrupt Enable Register (INT_EN) is set high.
Writing a one clears this interrupt.
R/WC
0b
30
Device Ready (READY)
This interrupt indicates that the device is ready to be accessed after a
power-up or reset condition.
R/WC
0b
29
1588 Interrupt Event (1588_EVNT)
This bit indicates an interrupt event from the IEEE 1588 module. This bit
should be used in conjunction with the 1588 Interrupt Status Register
(1588_INT_STS) to determine the source of the interrupt event within the
1588 module.
RO
0b
28
Switch Fabric Interrupt Event (SWITCH_INT)
This bit indicates an interrupt event from the Switch Fabric. This bit should
be used in conjunction with the Switch Global Interrupt Pending Register
(SW_IPR) to determine the source of the interrupt event within the Switch
Fabric.
RO
0b
27
Physical PHY B Interrupt Event (PHY_INT_B)
This bit indicates an interrupt event from the Physical PHY B. The source of
the interrupt can be determined by polling the PHY x Interrupt Source Flags
Register (PHY_INTERRUPT_SOURCE_x).
RO
0b
26
Physical PHY A Interrupt Event (PHY_INT_A)
This bit indicates an interrupt event from the Physical PHY A. The source of
the interrupt can be determined by polling the PHY x Interrupt Source Flags
Register (PHY_INTERRUPT_SOURCE_x).
RO
0b
25:23
RESERVED
RO
-
22
RESERVED
RO
-
21:20
RESERVED
RO
-
19
GP Timer (GPT_INT)
This interrupt is issued when the General Purpose Timer Count Register
(GPT_CNT) wraps past zero to FFFFh.
R/WC
0b
18
RESERVED
RO
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com