Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAN9354 Datasheet(PDF) 8 Page - Microchip Technology

Part # LAN9354
Description  3-Port 10/100 Managed Ethernet Switch
PDF  487 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9354 Datasheet(HTML) 8 Page - Microchip Technology

Back Button LAN9354 Datasheet HTML 4Page - Microchip Technology LAN9354 Datasheet HTML 5Page - Microchip Technology LAN9354 Datasheet HTML 6Page - Microchip Technology LAN9354 Datasheet HTML 7Page - Microchip Technology LAN9354 Datasheet HTML 8Page - Microchip Technology LAN9354 Datasheet HTML 9Page - Microchip Technology LAN9354 Datasheet HTML 10Page - Microchip Technology LAN9354 Datasheet HTML 11Page - Microchip Technology LAN9354 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 487 page
background image
LAN9354
DS00001926B-page 8
 2015 Microchip Technology Inc.
2.0
GENERAL DESCRIPTION
The LAN9354 is a full featured, 3 port 10/100 managed Ethernet switch designed for embedded applications where per-
formance, flexibility, ease of integration and system cost control are required. The LAN9354 combines all the functions
of a 10/100 switch system, including the Switch Fabric, packet buffers, Buffer Manager, Media Access Controllers
(MACs), PHY transceivers, and serial management. IEEE 1588v2 is supported via the integrated IEEE 1588v2 hard-
ware time stamp unit, which supports end-to-end and peer-to-peer transparent clocks. The LAN9354 complies with the
IEEE 802.3 (full/half-duplex 10BASE-T and 100BASE-TX) Ethernet protocol, IEEE 802.3az Energy Efficient Ethernet
(EEE) (100Mbps only), and 802.1D/802.1Q network management protocol specifications, enabling compatibility with
industry standard Ethernet and Fast Ethernet applications. 100BASE-FX is supported via an external fiber transceiver.
At the core of the device is the high performance, high efficiency 3 port Ethernet Switch Fabric. The Switch Fabric con-
tains a 3 port VLAN layer 2 Switch Engine that supports untagged, VLAN tagged, and priority tagged frames. The Switch
Fabric provides an extensive feature set which includes spanning tree protocol support, multicast packet filtering and
Quality of Service (QoS) packet prioritization by VLAN tag, destination address, port default value or DIFFSERV/TOS,
allowing for a range of prioritization implementations. 32K of buffer RAM allows for the storage of multiple packets while
forwarding operations are completed, and a 512 entry forwarding table provides ample room for MAC address forward-
ing tables. Each port is allocated a cluster of 4 dynamic QoS queues which allow each queue size to grow and shrink
with traffic, effectively utilizing all available memory. This memory is managed dynamically via the Buffer Manager block
within the Switch Fabric. All aspects of the Switch Fabric are managed via the Switch Fabric configuration and status
registers, which are indirectly accessible via the system control and status registers.
The LAN9354 provides 3 switched ports. Each port is fully compliant with the IEEE 802.3 standard and all internal MACs
and PHYs support full/half duplex 10BASE-T and 100BASE-TX operation. The LAN9354 provides 2 on-chip PHYs, 1
Virtual PHY and 3 MACs. The Virtual PHY and the third MAC are used to connect the Switch Fabric to an external MAC
or PHY. In MAC mode, the device can be connected to an external PHY via the RMII interface. In PHY mode, the device
can be connected to an external MAC via the RMII interface. All ports support automatic or manual full duplex flow con-
trol or half duplex backpressure (forced collision) flow control. 2K jumbo packet (2048 byte) support allows for oversized
packet transfers, effectively increasing throughput while decreasing CPU load. All MAC and PHY related settings are
fully configurable via their respective registers within the device.
The integrated I2C and SMI slave controllers allow for full serial management of the device via the integrated I2C or RMII
interface, respectively. The inclusion of these interfaces allows for greater flexibility in the incorporation of the device
into various designs. It is this flexibility which allows the device to operate in 2 different modes and under various man-
agement conditions. In both MAC and PHY modes, the device can be SMI managed or I2C managed. This flexibility in
management makes the LAN9354 a candidate for virtually all switch applications.
The LAN9354 supports numerous power management and wakeup features. The LAN9354 can be placed in a reduced
power mode and can be programmed to issue an external wake signal (IRQ) via several methods, including “Magic
Packet”, “Wake on LAN”, wake on broadcast, wake on perfect DA, and “Link Status Change”. This signal is ideal for
triggering system power-up using remote Ethernet wakeup events. The device can be removed from the low power state
via a host processor command or one of the wake events.
The LAN9354 contains an I2C master EEPROM controller for connection to an optional EEPROM. This allows for the
storage and retrieval of static data. The internal EEPROM Loader can be optionally configured to automatically load
stored configuration settings from the EEPROM into the device at reset. The I2C management slave and master
EEPROM controller share common pins.
In addition to the primary functionality described above, the LAN9354 provides additional features designed for
extended functionality. These include a configurable 16-bit General Purpose Timer (GPT), a 32-bit 25MHz free running
counter, a configurable GPIO/LED interface, and IEEE 1588 time stamping on all ports and all GPIOs. The IEEE time
stamp unit provides a 64-bit tunable clock for accurate PTP timing and a timer comparator to allow time based interrupt
generation.
The LAN9354 can be configured to operate via a single 3.3V supply utilizing an integrated 3.3V to 1.2V linear regulator.
The linear regulator may be optionally disabled, allowing usage of a high efficiency external regulator for lower system
power dissipation.
The LAN9354 is available in commercial and industrial temperature ranges. Figure 2-1 provides an internal block dia-
gram of the LAN9354.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com