Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAN9354 Datasheet(PDF) 84 Page - Microchip Technology

Part # LAN9354
Description  3-Port 10/100 Managed Ethernet Switch
PDF  487 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9354 Datasheet(HTML) 84 Page - Microchip Technology

Back Button LAN9354 Datasheet HTML 80Page - Microchip Technology LAN9354 Datasheet HTML 81Page - Microchip Technology LAN9354 Datasheet HTML 82Page - Microchip Technology LAN9354 Datasheet HTML 83Page - Microchip Technology LAN9354 Datasheet HTML 84Page - Microchip Technology LAN9354 Datasheet HTML 85Page - Microchip Technology LAN9354 Datasheet HTML 86Page - Microchip Technology LAN9354 Datasheet HTML 87Page - Microchip Technology LAN9354 Datasheet HTML 88Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 487 page
background image
LAN9354
DS00001926B-page 84
 2015 Microchip Technology Inc.
9.2.6
AUTO-NEGOTIATION
The purpose of the Auto-Negotiation function is to automatically configure the transceiver to the optimum link parame-
ters based on the capabilities of its link partner. Auto-Negotiation is a mechanism for exchanging configuration informa-
tion between two link-partners and automatically selecting the highest performance mode of operation supported by
both sides. Auto-Negotiation is fully defined in clause 28 of the IEEE 802.3 specification and is enabled by setting the
Auto-Negotiation Enable (PHY_AN) of the PHY x Basic Control Register (PHY_BASIC_CONTROL_x).
The advertised capabilities of the PHY are stored in the PHY x Auto-Negotiation Advertisement Register (PHY_AN_AD-
V_x). The PHY contains the ability to advertise 100BASE-TX and 10BASE-T in both full or half-duplex modes. Besides
the connection speed, the PHY can advertise remote fault indication and symmetric or asymmetric pause flow control
as defined in the IEEE 802.3 specification. The transceiver supports “Next Page” capability which is used to negotiate
Energy Efficient Ethernet functionality as well as to support software controlled pages. Many of the default advertised
capabilities of the PHY are determined via configuration straps as shown in Section 9.2.20.5, "PHY x Auto-Negotiation
Advertisement Register (PHY_AN_ADV_x)," on page 111. Refer to Section 7.0, "Configuration Straps," on page 54 for
additional details on how to use the device configuration straps.
Once Auto-Negotiation has completed, information about the resolved link and the results of the negotiation process
are reflected in the Speed Indication bits in the PHY x Special Control/Status Register (PHY_SPECIAL_CON-
TROL_STATUS_x), as well as the PHY x Auto-Negotiation Link Partner Base Page Ability Register
(PHY_AN_LP_BASE_ABILITY_x). The Auto-Negotiation protocol is a purely physical layer activity and proceeds inde-
pendently of the MAC controller.
The following blocks are activated during an Auto-Negotiation session:
• Auto-Negotiation (digital)
• 100M ADC (analog)
• 100M PLL (analog)
• 100M equalizer/BLW/clock recovery (DSP)
• 10M SQUELCH (analog)
• 10M PLL (analog)
• 10M Transmitter (analog)
When enabled, Auto-Negotiation is started by the occurrence of any of the following events:
• Power-On Reset (POR)
• Hardware reset (RST#)
• PHY Software reset (via Reset Control Register (RESET_CTL), or bit 15 of the PHY x Basic Control Register
(PHY_BASIC_CONTROL_x))
• PHY Power-down reset (Section 9.2.10, "PHY Power-Down Modes," on page 90)
• PHY Link status down (bit 2 of the PHY x Basic Status Register (PHY_BASIC_STATUS_x) is cleared)
• Setting the PHY x Basic Control Register (PHY_BASIC_CONTROL_x), bit 9 high (auto-neg restart)
• Digital Reset (via bit 0 of the Reset Control Register (RESET_CTL))
• Issuing an EEPROM Loader RELOAD command (Section 12.4, "EEPROM Loader," on page 332) via EEPROM
Loader run sequence
On detection of one of these events, the transceiver begins Auto-Negotiation by transmitting bursts of Fast Link Pulses
(FLP). These are bursts of link pulses from the 10M TX Driver. They are shaped as Normal Link Pulses and can pass
uncorrupted down CAT-3 or CAT-5 cable. A Fast Link Pulse Burst consists of up to 33 pulses. The 17 odd-numbered
pulses, which are always present, frame the FLP burst. The 16 even-numbered pulses, which may be present or absent,
contain the data word being transmitted. Presence of a data pulse represents a “1”, while absence represents a “0”.
The data transmitted by an FLP burst is known as a “Link Code Word.” These are defined fully in IEEE 802.3 clause 28.
In summary, the transceiver advertises 802.3 compliance in its selector field (the first 5 bits of the Link Code Word). It
advertises its technology ability according to the bits set in the PHY x Auto-Negotiation Advertisement Register
(PHY_AN_ADV_x).
Note:
Auto-Negotiation is not used for 100BASE-FX mode.
Note:
Refer to Section 6.2, "Resets," on page 38 for information on these and other system resets.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com