Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAN9354 Datasheet(PDF) 79 Page - Microchip Technology

Part # LAN9354
Description  3-Port 10/100 Managed Ethernet Switch
PDF  487 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9354 Datasheet(HTML) 79 Page - Microchip Technology

Back Button LAN9354 Datasheet HTML 75Page - Microchip Technology LAN9354 Datasheet HTML 76Page - Microchip Technology LAN9354 Datasheet HTML 77Page - Microchip Technology LAN9354 Datasheet HTML 78Page - Microchip Technology LAN9354 Datasheet HTML 79Page - Microchip Technology LAN9354 Datasheet HTML 80Page - Microchip Technology LAN9354 Datasheet HTML 81Page - Microchip Technology LAN9354 Datasheet HTML 82Page - Microchip Technology LAN9354 Datasheet HTML 83Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 487 page
background image
 2015 Microchip Technology Inc.
DS00001926B-page 79
LAN9354
9.2.2.1
100BASE-TX Transmit Data Across the Internal MII Interface
For a transmission, the Switch Fabric MAC drives the transmit data onto the internal MII TXD bus and asserts the inter-
nal MII TXEN to indicate valid data. The data is in the form of 4-bit wide 25 MHz data.
9.2.2.2
4B/5B Encoder
The transmit data passes from the MII block to the 4B/5B Encoder. This block encodes the data from 4-bit nibbles to 5-
bit symbols (known as “code-groups”) according to Table 9-2. Each 4-bit data-nibble is mapped to 16 of the 32 possible
code-groups. The remaining 16 code-groups are either used for control information or are not valid.
The first 16 code-groups are referred to by the hexadecimal values of their corresponding data nibbles, 0 through F. The
remaining code-groups are given letter designations with slashes on either side. For example, an IDLE code-group is /
I/, a transmit error code-group is /H/, etc.
TABLE 9-2:
4B/5B CODE TABLE
Code Group
Sym
Receiver Interpretation
Transmitter Interpretation
11110
0
0
0000
DATA
0
0000
DATA
01001
1
1
0001
1
0001
10100
2
2
0010
2
0010
10101
3
3
0011
3
0011
01010
4
4
0100
4
0100
01011
5
5
0101
5
0101
01110
6
6
0110
6
0110
01111
7
7
0111
7
0111
10010
8
8
1000
8
1000
10011
9
9
1001
9
1001
10110
A
A
1010
A
1010
10111
B
B
1011
B
1011
11010
C
C
1100
C
1100
11011
D
D
1101
D
1101
11100
E
E
1110
E
1110
11101
F
F
1111
F
1111
11111
/I/
IDLE
Sent after /T/R/ until the MII Transmitter
Enable signal (TXEN) is received
11000
/J/
First nibble of SSD, translated to “0101”
following IDLE, else MII Receive Error
(RXER)
Sent for rising MII Transmitter Enable
signal (TXEN)
10001
/K/
Second nibble of SSD, translated to
“0101” following J, else MII Receive Error
(RXER)
Sent for rising MII Transmitter Enable
signal (TXEN)
01101
/T/
First nibble of ESD, causes de-assertion
of CRS if followed by /R/, else assertion
of MII Receive Error (RXER)
Sent for falling MII Transmitter Enable
signal (TXEN)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com