Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAN9354 Datasheet(PDF) 19 Page - Microchip Technology

Part # LAN9354
Description  3-Port 10/100 Managed Ethernet Switch
PDF  487 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9354 Datasheet(HTML) 19 Page - Microchip Technology

Back Button LAN9354 Datasheet HTML 15Page - Microchip Technology LAN9354 Datasheet HTML 16Page - Microchip Technology LAN9354 Datasheet HTML 17Page - Microchip Technology LAN9354 Datasheet HTML 18Page - Microchip Technology LAN9354 Datasheet HTML 19Page - Microchip Technology LAN9354 Datasheet HTML 20Page - Microchip Technology LAN9354 Datasheet HTML 21Page - Microchip Technology LAN9354 Datasheet HTML 22Page - Microchip Technology LAN9354 Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 487 page
background image
 2015 Microchip Technology Inc.
DS00001926B-page 19
LAN9354
1
Port 0 RMII
Reference Clock
P0_REFCLK
VIS/
VO12/
VO16
(PD)
Note 6
RMII MAC Mode:
This pin is an input or an output
running at 50 MHz and is used as the reference
clock for the P0_IND[1:0], P0_INDV, P0_OUTD[1:0],
and P0_OUTDV pins. The choice of input verses
output is based on the setting of the RMII Clock
Direction bit in the Port 0 Virtual PHY Special Con-
trol/Status Register (VPHY_SPECIAL_CON-
TROL_STATUS). A low selects P0_OUTCLK as an
input and a high selects P0_OUTCLK as an output.
As an input, the pull-down is enabled by default.
As an output, the input buffer and pull-down are dis-
abled. The choice of drive strength is based on the
MII Virtual PHY RMII Clock Strength bit. A low
selects a 12 mA drive, while a high selects a 16 mA
drive.
VIS/
VO12/
VO16
(PD)
Note 6
RMII PHY Mode:
This pin is an input or an output
running at 50 MHz and is used as the reference
clock for the P0_IND[1:0], P0_INDV, P0_OUTD[1:0],
and P0_OUTDV pins. The choice of input verses
output is based on the setting of the RMII Clock
Direction bit in the Port 0 Virtual PHY Special Con-
trol/Status Register (VPHY_SPECIAL_CON-
TROL_STATUS). A low selects P0_OUTCLK as an
input and a high selects P0_OUTCLK as an output.
As an input, the pull-down is normally enabled. The
input buffer and pull-down are disabled when the
Isolate (VPHY_ISO) bit is set in the Port 0 Virtual
PHY Basic Control Register (VPHY_BASIC_CTRL).
As an output, the input buffer and pull-down are dis-
abled. The choice of drive strength is based on the
MII Virtual PHY RMII Clock Strength bit. A low
selects a 12 mA drive, while a high selects a 16 mA
drive. The output driver is disabled when the Isolate
(VPHY_ISO) bit is set in the Port 0 Virtual PHY
Basic Control Register (VPHY_BASIC_CTRL).
Port 0 Mode[0]
Configuration
Strap
P0_MODE0
VIS
(PU)
Note 8
This strap configures the mode for Port 0. See
Note 7.
Refer to Table 7-3, “Port 0 Mode Strap Mapping,” on
page 66 for the Port 0 strap settings.
TABLE 3-5:
SWITCH PORT 0 RMII & CONFIGURATION STRAP PIN DESCRIPTIONS
(CONTINUED)
Num
Pins
Name
Symbol
Buffer
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com