Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAN9354 Datasheet(PDF) 89 Page - Microchip Technology

Part # LAN9354
Description  3-Port 10/100 Managed Ethernet Switch
PDF  487 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9354 Datasheet(HTML) 89 Page - Microchip Technology

Back Button LAN9354 Datasheet HTML 85Page - Microchip Technology LAN9354 Datasheet HTML 86Page - Microchip Technology LAN9354 Datasheet HTML 87Page - Microchip Technology LAN9354 Datasheet HTML 88Page - Microchip Technology LAN9354 Datasheet HTML 89Page - Microchip Technology LAN9354 Datasheet HTML 90Page - Microchip Technology LAN9354 Datasheet HTML 91Page - Microchip Technology LAN9354 Datasheet HTML 92Page - Microchip Technology LAN9354 Datasheet HTML 93Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 487 page
background image
 2015 Microchip Technology Inc.
DS00001926B-page 89
LAN9354
dition to de-assert is true, then the Interrupt Source Flag is cleared and the internal interrupt signal is also deasserted.
If the condition to de-assert is false, then the Interrupt Source Flag remains set, and the internal interrupt signal remains
asserted.
Note 4:
LINKSTAT is the internal link status and is not directly available in any register bit.
Note 5:
WOL_INT is defined as bits 7:4 in the PHY x Wakeup Control and Status Register (PHY_WUCSR_x) ANDed
with bits 3:0 of the same register, with the resultant 4 bits OR’ed together.
TABLE 9-4:
ALTERNATIVE INTERRUPT MODE MANAGEMENT TABLE
Mask
Interrupt Source Flag
Interrupt Source
Event to
Assert
interrupt
Condition
to
De-assert
Bit to Clear
interrupt
30.9
29.9
Link Up
LINKSTAT
See
Note 4
Link Status
Rising LINK-
STAT
LINKSTAT
low
29.9
30.8
29.8
Wake on LAN
WOL_INT
See
Note 5
Enabled
WOL event
Rising
WOL_INT
WOL_INT
low
29.8
30.7
29.7
ENERGYON
17.1
ENERGYON
Rising 17.1
17.1 low
29.7
30.6
29.6
Auto-Negotia-
tion complete
1.5
Auto-Negoti-
ate Com-
plete
Rising 1.5
1.5 low
29.6
30.5
29.5
Remote Fault
Detected
1.4
Remote
Fault
Rising 1.4
1.4 low
29.5
30.4
29.4
Link Down
1.2
Link Status
Falling 1.2
1.2 high
29.4
30.3
29.3
Auto-Negotia-
tion LP Acknowl-
edge
5.14
Acknowl-
edge
Rising 5.14
5.14 low
29.3
30.2
29.2
Parallel Detec-
tion Fault
6.4
Parallel
Detection
Fault
Rising 6.4
6.4 low
29.2
30.1
29.1
Auto-Negotia-
tion Page
Received
6.1
Page
Received
Rising 6.1
6.1 low
29.1
Note:
The Energy On (ENERGYON) bit in the PHY x Mode Control/Status Register (PHY_MODE_CON-
TROL_STATUS_x) is defaulted to a ‘1’ at the start of the signal acquisition process, therefore the INT7 bit
in the PHY x Interrupt Source Flags Register (PHY_INTERRUPT_SOURCE_x) will also read as a ‘1’ at
power-up. If no signal is present, then both Energy On (ENERGYON) and INT7 will clear within a few mil-
liseconds.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com