Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAN9354 Datasheet(PDF) 101 Page - Microchip Technology

Part # LAN9354
Description  3-Port 10/100 Managed Ethernet Switch
PDF  487 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9354 Datasheet(HTML) 101 Page - Microchip Technology

Back Button LAN9354 Datasheet HTML 97Page - Microchip Technology LAN9354 Datasheet HTML 98Page - Microchip Technology LAN9354 Datasheet HTML 99Page - Microchip Technology LAN9354 Datasheet HTML 100Page - Microchip Technology LAN9354 Datasheet HTML 101Page - Microchip Technology LAN9354 Datasheet HTML 102Page - Microchip Technology LAN9354 Datasheet HTML 103Page - Microchip Technology LAN9354 Datasheet HTML 104Page - Microchip Technology LAN9354 Datasheet HTML 105Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 487 page
background image
 2015 Microchip Technology Inc.
DS00001926B-page 101
LAN9354
If Loss of Signal mode is not selected, then Signal Detect mode is selected, independently, by the FXSDENA or FXS-
DENB strap input pin. When greater than 1 V (typ.), Signal Detect mode is enabled, when less than 1 V (typ.), copper
twisted pair is enabled.
Table 9-10 and Table 9-11 summarize the selections.
9.2.18
REQUIRED ETHERNET MAGNETICS (100BASE-TX AND 10BASE-T)
The magnetics selected for use with the device should be an Auto-MDIX style magnetic, which is widely available from
several vendors. Please review the SMSC/Microchip Application note 8.13 “Suggested Magnetics” for the latest quali-
fied and suggested magnetics. A list of vendors and part numbers are provided within the application note.
9.2.19
EXTERNAL PIN ACCESS TIMING REQUIREMENTS
When accessed externally via the MDIO / MDC pins, the following timing applies.
Note:
The FXSDENA strap input pin is shared with the FXSDA pin and the FXSDENB strap input pin is shared
with the FXSDB pin. As such, the LVPECL levels ensure that the input is greater than 1 V (typ.) and that
Signal Detect mode is selected. When TP copper is desired, the Signal Detect input function is not required
and the pin should be set to 0 V.
Care must be taken such that an non-powered or disabled transceiver does not load the Signal Detect input
below the valid LVPECL level.
TABLE 9-10:
100BASE-FX LOS, SD AND TP COPPER SELECTION PHY A
FXLOSEN
FXSDENA
PHY Mode
<1 V (typ.)
<1 V (typ.)
TP copper
>1 V (typ.)
100BASE-FX Signal Detect
>1 V (typ.)
n/a
100BASE-FX LOS
TABLE 9-11:
100BASE-FX LOS, SD AND TP COPPER SELECTION PHY B
FXLOSEN
FXSDENB
PHY Mode
<1 V (typ.)
<1 V (typ.)
TP copper
>1 V (typ.)
100BASE-FX Signal Detect
>2 V (typ.)
n/a
100BASE-FX LOS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com