Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAN9730 Datasheet(PDF) 211 Page - Microchip Technology

Part # LAN9730
Description  High-Speed Inter-Chip USB 2.0 to 10/100 Ethernet Controller
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9730 Datasheet(HTML) 211 Page - Microchip Technology

Back Button LAN9730 Datasheet HTML 207Page - Microchip Technology LAN9730 Datasheet HTML 208Page - Microchip Technology LAN9730 Datasheet HTML 209Page - Microchip Technology LAN9730 Datasheet HTML 210Page - Microchip Technology LAN9730 Datasheet HTML 211Page - Microchip Technology LAN9730 Datasheet HTML 212Page - Microchip Technology LAN9730 Datasheet HTML 213Page - Microchip Technology LAN9730 Datasheet HTML 214Page - Microchip Technology LAN9730 Datasheet HTML 215Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 211 / 222 page
background image
 2012-2015 Microchip Technology Inc.
DS00001946A-page 211
LAN9730/LAN9730i
7.6.2
100 µW 25 MHZ CRYSTAL SPECIFICATIONS
When utilizing a 100 µW 25 MHz crystal, the following circuit design (Figure 7-12) and specifications (Table 7-24) are
required to ensure proper operation.
Note 7-15
The maximum allowable values for frequency tolerance and frequency stability are application
dependent. Since any particular application must meet the IEEE +/-50 PPM Total PPM Budget, the
combination of these two values must be approximately +/-45 PPM (allowing for aging).
Note 7-16
Frequency Deviation Over Time is also referred to as Aging.
Note 7-17
The total deviation for the Transmitter Clock Frequency is specified by IEEE 802.3u as +/-50 PPM.
Note 7-18
0oC for commercial version, -40oC for industrial version.
Note 7-19
+70oC for commercial version, +85oC for industrial version.
Note 7-20
This number includes the pad, the bond wire and the lead frame. PCB capacitance is not included in
this value. The XO/XI pin and PCB capacitance values are required to accurately calculate the value
of the two external load capacitors. These two external load capacitors determine the accuracy of the
25.000 MHz frequency.
FIGURE 7-12:
100 µW 25 MHZ CRYSTAL CIRCUIT
TABLE 7-24:
100 µW CRYSTAL SPECIFICATIONS
Parameter
Symbol
Min.
Nom.
Max.
Unit
Note
Crystal Cut
AT, typ
Crystal Oscillation Mode
Fundamental Mode
Crystal Calibration Mode
Parallel Resonant Mode
Frequency
Ffund
-
25.000
-
MHz
Frequency Tolerance @ 25oCFtol
-
-
+/-50
PPM
Note 7-15
Frequency Stability Over Temp
Ftemp
-
-
+/-50
PPM
Note 7-15
Frequency Deviation Over Time
Fage
-
+/-3 to 5
-
PPM
Note 7-16
Total Allowable PPM Budget
-
-
+/-50
PPM
Note 7-17
Shunt Capacitance
CO
--
5
pF
Load Capacitance
CL
8
-
12
pF
Drive Level
PW
-
100
µW
Equivalent Series Resistance
R1
-
-
80
Ohm
XO Series Resistor
RS
495
500
505
Ohm
Operating Temperature Range
Note 7-18
-
Note 7-19
oC
XI Pin Capacitance
-
3 typ
-
pF
Note 7-20
XO Pin Capacitance
-
3 typ
-
pF
Note 7-20
LAN9730
XO
XI
RS
Y1
C1
C2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com