Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAN9730 Datasheet(PDF) 54 Page - Microchip Technology

Part # LAN9730
Description  High-Speed Inter-Chip USB 2.0 to 10/100 Ethernet Controller
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9730 Datasheet(HTML) 54 Page - Microchip Technology

Back Button LAN9730 Datasheet HTML 50Page - Microchip Technology LAN9730 Datasheet HTML 51Page - Microchip Technology LAN9730 Datasheet HTML 52Page - Microchip Technology LAN9730 Datasheet HTML 53Page - Microchip Technology LAN9730 Datasheet HTML 54Page - Microchip Technology LAN9730 Datasheet HTML 55Page - Microchip Technology LAN9730 Datasheet HTML 56Page - Microchip Technology LAN9730 Datasheet HTML 57Page - Microchip Technology LAN9730 Datasheet HTML 58Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 222 page
background image
LAN9730/LAN9730i
DS00001946A-page 54
 2012-2015 Microchip Technology Inc.
4.4.2.2
TX Data Format
The TX data section begins at the third DWORD in the TX buffer (after TX Command A and TX Command B). The loca-
tion of the first byte of valid buffer data to be transmitted is specified in the Data Start Offset field of TX Command A.
Table 4-43, "TX Data Start Offset" shows the correlation between the setting of the LSBs in the Data Start Offset field
and the byte location of the first valid data byte.
TX data is contiguous until the end of the buffer. The buffer may end on a byte boundary. Unused bytes at the end of
the packet will not be sent to the TLI for transmission.
4.4.2.3
TX Buffer Fragmentation Rules
Transmit buffers must adhere to the following rules:
• Each buffer may start and end on any arbitrary byte alignment.
• The first buffer of any transmit packet can be any length.
• Middle buffers (i.e., those with First Segment = Last Segment = 0) must be greater than, or equal to 4 bytes in
length.
• The final buffer of any transmit packet can be any length.
TABLE 4-42:
TX COMMAND B FORMAT
Bits
Description
31:15
RESERVED
14
TX Checksum Enable (CK)
If this bit is set in conjunction with the first segment bit (FS) in TX Command A and the TX Checksum
Offload Engine Enable bit (TXCOE_EN) in the Checksum Offload Engine Control register (COE_CR),
the TX checksum offload engine (TXCOE) will calculate an L3 checksum for the associated frame.
Note:
This bit only needs to be set for the first buffer of a frame.
13
Add CRC Disable
When set, the automatic addition of the CRC is disabled.
12
Disable Ethernet Frame Padding
When set, this bit prevents the automatic addition of padding to an Ethernet frame of less than 64
bytes. The CRC field is also added despite the state of the Add CRC Disable field.
11
RESERVED
10:0
Frame Length (bytes)
This field indicates the total number of bytes in the current frame. This length does not include the off-
set or padding. If the Frame Length field does not match the actual number of bytes in the frame, the
Transmitter Error (TXE) flag will be set (in the Interrupt Status Register (INT_STS) and the interrupt
Endpoint). This value is read by the TX FIFO controller, and is used to determine the amount of data
that must be moved from the TX data FIFO into the TLI block. If the byte count is not aligned to a
DWORD boundary, the TX FIFO Controller will issue the correct byte enables to the TLI layer during
the last write. Invalid bytes in the last DWORD will not be passed to the TLI for transmission.
TABLE 4-43:
TX DATA START OFFSET
Data Start Offset[1:0]
11
10
01
00
First TX Data Byte
D[31:24]
D[23:16]
D[15:8]
D[7:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com