Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAN9730 Datasheet(PDF) 76 Page - Microchip Technology

Part # LAN9730
Description  High-Speed Inter-Chip USB 2.0 to 10/100 Ethernet Controller
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9730 Datasheet(HTML) 76 Page - Microchip Technology

Back Button LAN9730 Datasheet HTML 72Page - Microchip Technology LAN9730 Datasheet HTML 73Page - Microchip Technology LAN9730 Datasheet HTML 74Page - Microchip Technology LAN9730 Datasheet HTML 75Page - Microchip Technology LAN9730 Datasheet HTML 76Page - Microchip Technology LAN9730 Datasheet HTML 77Page - Microchip Technology LAN9730 Datasheet HTML 78Page - Microchip Technology LAN9730 Datasheet HTML 79Page - Microchip Technology LAN9730 Datasheet HTML 80Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 222 page
background image
LAN9730/LAN9730i
DS00001946A-page 76
 2012-2015 Microchip Technology Inc.
// Check that the VOH Compliance mode is active
PHY_VOHCOMP_CHECK:
MII_Write: Address 0x14, Data 0x86C0
(Read MII Address 0x14 until Bit 15 is cleared)
MII_Read: Address 0x15
(if ReadData = 16'bXXXXXX11XXXXXXXX, then VOH Compliance is enabled)
The entire sequence that should occur is:
REG_ACCESS_ENABLE -> PHY_VOHCOMP_ENABLE -> PHY_VOHCOMP_CHECK
It is recommended to run this sequence upon the following list of events detected by the software driver:
1.
Device Hardware Reset:
a) Assertion of the External Chip Reset (nRESET)
b) Power on Reset (POR)
2.
Device Software Reset:
a) Setting of the Soft Reset (SRST) bit of the Hardware Configuration Register (HW_CFG)
b) Setting of the PHY Soft Reset bit of the Basic Control Register
3.
Exit from Energy Detect Power-Down (EDPD) mode
4.
Auto-Negotiation Enable/Disable via the Auto-Negotiation Enable bit of the Basic Control Register
5.
Exit from General Power-Down mode
4.6.1
100BASE-TX TRANSMIT
The data path of the 100Base-TX is shown in Figure 4-17. Each major block is explained in the following sections.
FIGURE 4-17:
100BASE-TX DATA PATH
MAC
Tx
Driver
MLT-3
Converter
NRZI
Converter
4B/5B
Encoder
Magnetics
CAT-5
RJ45
100M
PLL
Internal
MII 25 MHz by 4 bits
TX_CLK
25 MHz by
5 bits
NRZI
MLT-3
MLT-3
MLT-3
MLT-3
Scrambler
and PISO
125 Mbps Serial
MII
25 MHz
by 4 bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com