Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAN9730 Datasheet(PDF) 67 Page - Microchip Technology

Part # LAN9730
Description  High-Speed Inter-Chip USB 2.0 to 10/100 Ethernet Controller
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9730 Datasheet(HTML) 67 Page - Microchip Technology

Back Button LAN9730 Datasheet HTML 63Page - Microchip Technology LAN9730 Datasheet HTML 64Page - Microchip Technology LAN9730 Datasheet HTML 65Page - Microchip Technology LAN9730 Datasheet HTML 66Page - Microchip Technology LAN9730 Datasheet HTML 67Page - Microchip Technology LAN9730 Datasheet HTML 68Page - Microchip Technology LAN9730 Datasheet HTML 69Page - Microchip Technology LAN9730 Datasheet HTML 70Page - Microchip Technology LAN9730 Datasheet HTML 71Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 222 page
background image
 2012-2015 Microchip Technology Inc.
DS00001946A-page 67
LAN9730/LAN9730i
Filter x Mask 1 corresponds to bits [63:32]. Where the lsb corresponds to the first byte on the wire.
Filter x Mask 2 corresponds to bits [95:64]. Where the lsb corresponds to the first byte on the wire.
Filter x Mask 3 corresponds to bits [127:96]. Where the lsb corresponds to the first byte on the wire.
The following tables define the WUFF register structures.
The Filter i command register controls Filter i operation. Table 4-49 shows the Filter i command register.
The Filter i Offset register defines the offset in the frame’s destination address field from which the frames are examined
by Filter i. Table 4-50 describes the Filter i Offset bit fields.
TABLE 4-48:
FILTER I BYTE MASK BIT DEFINITIONS
Filter i Byte Mask Description
Bits
Description
127:0
Byte Mask: If bit j of the byte mask is set, the CRC machine processes byte pattern-offset + j of the
incoming frame. Otherwise, byte pattern-offset + j is ignored.
TABLE 4-49:
FILTER I COMMAND BIT DEFINITIONS
Filter i Commands
Bits
Description
3:2
Address Type: Defines the destination address type of the pattern.
00 = Pattern applies only to unicast frames.
10 = Pattern applies only to multicast frames.
X1 = Pattern applies to all frames that have passed the regular receive filter.
1
RESERVED
0
Enable Filter: When bit is set, Filter i is enabled, otherwise, Filter i is disabled.
TABLE 4-50:
FILTER I OFFSET BIT DEFINITIONS
Filter i Offset Description
Bits
Description
7:0
Pattern Offset: The offset of the first byte in the frame on which CRC is checked for Wakeup Frame
recognition. The MAC checks the first offset byte of the frame for CRC and checks to determine
whether the frame is a Wakeup frame. Offset 0 is the first byte of the incoming frame's destination
address.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com