Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAN9730 Datasheet(PDF) 49 Page - Microchip Technology

Part # LAN9730
Description  High-Speed Inter-Chip USB 2.0 to 10/100 Ethernet Controller
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9730 Datasheet(HTML) 49 Page - Microchip Technology

Back Button LAN9730 Datasheet HTML 45Page - Microchip Technology LAN9730 Datasheet HTML 46Page - Microchip Technology LAN9730 Datasheet HTML 47Page - Microchip Technology LAN9730 Datasheet HTML 48Page - Microchip Technology LAN9730 Datasheet HTML 49Page - Microchip Technology LAN9730 Datasheet HTML 50Page - Microchip Technology LAN9730 Datasheet HTML 51Page - Microchip Technology LAN9730 Datasheet HTML 52Page - Microchip Technology LAN9730 Datasheet HTML 53Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 222 page
background image
 2012-2015 Microchip Technology Inc.
DS00001946A-page 49
LAN9730/LAN9730i
4.4
FIFO Controller (FCT)
The FIFO controller uses a 28 kB internal SRAM to buffer RX and TX traffic. 20 kB are allocated for received Ethernet-
USB traffic (RX buffer), while 8 kB are allocated for USB-Ethernet traffic (TX buffer). Bulk-Out packets from the USB
controller are directly stored into the TX buffer. The FCT is responsible for extracting Ethernet frames from the USB
packet data and passing the frames to the MAC. Ethernet frames are directly stored into the RX buffer and become the
basis for Bulk-In packets. The FCT passes the stored data to the UTX in blocks typically 512 bytes in size.
4.4.1
RX PATH (ETHERNET -> USB)
The 20 kB RX FIFO buffers Ethernet frames received from the TLI. The UTX extracts these frames from the FCT to form
USB Bulk-In packets. The host drivers will ultimately reassemble the Ethernet frames from the USB packets.
The FCT manages the writing of data into the RX FIFO through the use of two pointers - the rx_wr_ptr and the rx_wr_h-
d_ptr. The rx_wr_ptr is used to write Ethernet frame data into the FIFO. The rx_wr_hd_ptr points to the location prior to
the first DWORD of the frame. It is used to write the RX Status Word received from the TLI, upon completion of a frame
transaction. This status word contains status information associated with the frame and the frame transaction.
Figure 4-4 illustrates how a frame is stored in the FIFO, along with pointer usage.
When the RX TLI signals that it has data ready, the RX TLI controller starts passing the RX packet data to the FCT. The
FCT updates the RX FIFO pointers as the data is written into the FIFO. The last transfer from the TLI is the RX Status
Word.
The FCT may insert 0-3 bytes at the start of the Ethernet frame. The value of the RX Data Offset (RXDOFF) field of the
Hardware Configuration Register (HW_CFG) determines the number of bytes inserted.
A received Ethernet frame is not visible to the UTX until the complete frame, including the RX Status Word, has been
written into the RX FIFO. This is due to the fact that the frame may have to be removed via a rewind (pointer adjustment),
in case of an error. Such is the case when a FIFO overflow condition is detected as the frame is being received. The
FCT may also be configured to rewind errored frames. Refer to Section 4.4.1.1, "RX Error Detection" for further details.
FIGURE 4-4:
RX FIFO STORAGE
RX Status Word
RX Ethernet
Frame 0
RX Status Word
RX Ethernet
Frame 1
rx_rd_ptr
rx_wr_hd_ptr
RX Ethernet
Frame 2
rx_wr_ptr
After the complete
Ethernet frame is written,
the size and status is
updated at the location
pointed to by the write
head pointer.
The write head pointer will
then advance to the
starting location for the
next Ethernet frame.
The read head pointer is
used for implementing
rewinds of USB packets.
rx_rd_hd_ptr
USB
Packet 0
USB
Packet 1
USB
Packet 2
USB
Packet 3
FIFO data is available for
transmit only after a
complete Ethernet frame is
received and stored.
Therefore, the RX FIFO
size will not reflect partially
received packets.
RX FIFO Size
Byte padding inserted by
the FCT. This amount is
determined by
RXDOFF[1:0]
Additional padding may be
inserted by the UTX.
The unused bytes in the
first and last DWORDs are
ignored by the host.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com