| Electronic Components Datasheet Search |
|
LAN9730 Datasheet(PDF) 16 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
LAN9730 Datasheet(HTML) 16 Page - Microchip Technology |
|
16 / 222 page ![]() LAN9730/LAN9730i DS00001946A-page 16 2012-2015 Microchip Technology Inc. 1Transmit Data 2 (Internal PHY Mode) TXD2 IS/O8 (PD) In Internal PHY Mode, this pin can be configured to display the respective internal MII signal. Refer to the Internal MII Visibility Enable (IME) bit of the Hardware Configuration Register (HW_CFG) on page 125 for additional information. Transmit Data 2 (External PHY Mode) TXD2 O8 (PD) In External PHY Mode, this pin functions as the transmit data 2 output to the external PHY. General Pur- pose I/O 6 (Internal PHY Mode Only) GPIO6 IS/O8/ OD8 (PU) This General Purpose I/O pin is fully programma- ble as either a push-pull output, an open-drain output, or a Schmitt-triggered input. HSIC Port Swap Config- uration Strap PORT_SWAP IS (PD) Swaps the mapping of HSIC_DATA and HSIC_STROBE. 0 = The HSIC_DATA and HSIC_STROBE pin functionality is not swapped. 1 = The HSIC_DATA and HSIC_STROBE pin functionality is swapped. See Note 2-1 for more information on configura- tion straps. 1Transmit Data 1 (Internal PHY Mode) TXD1 IS/O8 (PD) In Internal PHY Mode, this pin can be configured to display the respective internal MII signal. Refer to the Internal MII Visibility Enable (IME) bit of the Hardware Configuration Register (HW_CFG) on page 125 for additional information. Transmit Data 1 (External PHY Mode) TXD1 O8 (PD) In External PHY Mode, this pin functions as the transmit data 1 output to the external PHY. General Pur- pose I/O 5 (Internal PHY Mode Only) GPIO5 IS/O8/ OD8 (PU) This General Purpose I/O pin is fully programma- ble as either a push-pull output, an open-drain output or a Schmitt-triggered input. Remote Wakeup Con- figuration Strap RMT_WKP IS (PD) This strap configures the default descriptor values to support remote wakeup. This strap is overrid- den by the EEPROM. 0 = Remote wakeup is not supported. 1 = Remote wakeup is supported. See Note 2-1 for more information on configura- tion straps. TABLE 2-1: MII INTERFACE PINS (CONTINUED) Num Pins Name Symbol Buffer Type Description |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |