Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAN9730 Datasheet(PDF) 217 Page - Microchip Technology

Part # LAN9730
Description  High-Speed Inter-Chip USB 2.0 to 10/100 Ethernet Controller
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9730 Datasheet(HTML) 217 Page - Microchip Technology

Back Button LAN9730 Datasheet HTML 213Page - Microchip Technology LAN9730 Datasheet HTML 214Page - Microchip Technology LAN9730 Datasheet HTML 215Page - Microchip Technology LAN9730 Datasheet HTML 216Page - Microchip Technology LAN9730 Datasheet HTML 217Page - Microchip Technology LAN9730 Datasheet HTML 218Page - Microchip Technology LAN9730 Datasheet HTML 219Page - Microchip Technology LAN9730 Datasheet HTML 220Page - Microchip Technology LAN9730 Datasheet HTML 221Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 217 / 222 page
background image
 2012-2015 Microchip Technology Inc.
DS00001946A-page 217
LAN9730/LAN9730i
APPENDIX A: REVISION HISTORY
Revision Level and
Date
Section/Figure/
Entry
Correction
Rev. A (07-24-15)
All
• Microchip branding.
• Changed ‘QFN’ to ‘VQFN’
Rev. A replaces previous numbered datasheet releases.
Section 7.2
Updated 1.2 V supply voltage operating conditions to 1.2 V +10%/-5%
Section 7.4, "DC
Specifications",
Table 7-11
Changed:
•VILI min from ‘-0.3’ to ‘ ‘ (ICLK buffer)
•VIHI min from ‘0.33 - 0.35’ to ‘0.8’ (ICLK buffer)
•VIHI max from ‘3.3’ to ‘ ‘ (ICLK buffer)
•IIH min from ‘-4.75’ to ‘-10’ (HSIC Buffer)
•IIH max from ‘4.75’ to ‘10’ (HSIC Buffer)
Section 7.6, "Clock
Circuit"
Added new 100 µW crystal specifications and circuit diagram. The sec-
tion is now split into two subsections, one for 300 µW crystals and the
other for 100 µW crystals.
Chapter 8, "Packag-
ing Information"
Updated package information
Product Identifica-
tion System
Added
Rev. 1.0 (06-18-12) All
Initial release



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com