Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAN9730 Datasheet(PDF) 122 Page - Microchip Technology

Part # LAN9730
Description  High-Speed Inter-Chip USB 2.0 to 10/100 Ethernet Controller
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9730 Datasheet(HTML) 122 Page - Microchip Technology

Back Button LAN9730 Datasheet HTML 118Page - Microchip Technology LAN9730 Datasheet HTML 119Page - Microchip Technology LAN9730 Datasheet HTML 120Page - Microchip Technology LAN9730 Datasheet HTML 121Page - Microchip Technology LAN9730 Datasheet HTML 122Page - Microchip Technology LAN9730 Datasheet HTML 123Page - Microchip Technology LAN9730 Datasheet HTML 124Page - Microchip Technology LAN9730 Datasheet HTML 125Page - Microchip Technology LAN9730 Datasheet HTML 126Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 222 page
background image
LAN9730/LAN9730i
DS00001946A-page 122
 2012-2015 Microchip Technology Inc.
6.3.2
INTERRUPT STATUS REGISTER (INT_STS)
Note 6-2
The default depends on the state of the GPIO pin.
Note 6-3
The clearing of a GPIOx_INT bit also clears the corresponding GPIO wake event.
Address:
008h
Size:
32 bits
Bits
Description
Type
Default
31:19
RESERVED
RO
-
18
MAC Reset Time Out (MACRTO_INT)
This interrupt signifies that the 8 ms reset watchdog timer has timed out. This
means that the Ethernet PHY is not supplying the rx_clk or tx_clk. After the
timer times out, the MAC reset is deasserted asynchronously.
R/WC
0b
17
TX Stopped (TXSTOP_INT)
This interrupt is asserted when the Stop Transmitter (STOP_TX) bit in Trans-
mit Configuration Register (TX_CFG) is set and the transmitter is halted.
Note:
The source of this interrupt is a pulse.
R/WC
0b
16
RX Stopped (RXSTOP_INT)
This interrupt is issued when the receiver is halted.
Note:
The source of this interrupt is a pulse.
R/WC
0b
15
PHY Interrupt (PHY_INT)
Indicates a PHY Interrupt event.
Note:
Depending on configuration, this may report the interrupt status of
the internal or the external PHY.
Note:
The source of this interrupt is a level. The interrupt persists until it
is cleared in the PHY.
RO
-
14
Transmitter Error (TXE)
When generated, indicates that the transmitter has encountered an error.
Refer to Section 4.4.2.5, "TX Error Detection" for a description of the condi-
tions that will cause a TXE.
Note:
The source of this interrupt is a pulse.
R/WC
0b
13
TX Data FIFO Underrun Interrupt (TDFU)
Generated when the TX Data FIFO underruns.
Note:
The source of this interrupt is a pulse.
R/WC
0b
12
TX Data FIFO Overrun Interrupt (TDFO)
Generated when the TX Data FIFO is full, and another write is attempted.
Note:
This interrupt should never occur and indicates a catastrophic
hardware error.
Note:
The source of this interrupt is a pulse.
R/WC
0b
11
RX Dropped Frame Interrupt (RXDF_INT)
This interrupt is issued whenever a receive frame is dropped.
Note:
The source of this interrupt is a pulse.
R/WC
0b
10:0
GPIO [10:0] (GPIOx_INT)
Interrupts are generated from the GPIOs. These interrupts are configured
through the GPIO_CFG and LED_GPIO_CFG registers.
Note:
The sources for these interrupts are a level.
R/WC
Note 6-3
Note 6-2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com