Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAN9730 Datasheet(PDF) 131 Page - Microchip Technology

Part # LAN9730
Description  High-Speed Inter-Chip USB 2.0 to 10/100 Ethernet Controller
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9730 Datasheet(HTML) 131 Page - Microchip Technology

Back Button LAN9730 Datasheet HTML 127Page - Microchip Technology LAN9730 Datasheet HTML 128Page - Microchip Technology LAN9730 Datasheet HTML 129Page - Microchip Technology LAN9730 Datasheet HTML 130Page - Microchip Technology LAN9730 Datasheet HTML 131Page - Microchip Technology LAN9730 Datasheet HTML 132Page - Microchip Technology LAN9730 Datasheet HTML 133Page - Microchip Technology LAN9730 Datasheet HTML 134Page - Microchip Technology LAN9730 Datasheet HTML 135Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 222 page
background image
 2012-2015 Microchip Technology Inc.
DS00001946A-page 131
LAN9730/LAN9730i
4
PHY Reset (PHY_RST)
Writing a '1' to this bit resets the PHY. The internal logic automatically holds
the PHY reset for a minimum of 2 ms. When the PHY is released from reset,
this bit is automatically cleared. All writes to this bit are ignored while this bit is
high.
Note:
The device will NAK all USB transfers until the PHY reset
completes.
SC
0b
3
Wake On LAN Enable (WOL_EN)
Enables WOL as a wakeup event.
This bit is automatically cleared at the completion of a resume sequence if
Resume Clears Remote Wakeup Enables (RES_CLR_WKP_EN) is set.
R/W
0b
2
Energy-Detect Enable (ED_EN)
Enables Energy-Detect as a wakeup event.
This bit is automatically cleared at the completion of a resume sequence if
Resume Clears Remote Wakeup Enables (RES_CLR_WKP_EN) is set.
R/W
0b
1:0
Wakeup Status (WUPS)
This field indicates the cause of the current wakeup event. The WUPS[0] and
WUPS[1] bits are set and cleared independently. A WUPS bit may be cleared
by writing a ‘1’ to the corresponding bit. The encoding of these bits (WUPS[1],
WUPS[0]) is as follows:
More than one bit may be set indicating that multiple events occurred.
The WUPS field will not be set unless the corresponding event is enabled
prior to entering the reduced power state.
These bits will set regardless of the values in Wake On LAN Enable
(WOL_EN) and Energy-Detect Enable (ED_EN).
If the Resume Clears Remote Wakeup Status (RES_CLR_WKP_STS) bit is
set, WUPS[1] will clear upon completion of a resume. See the Resume Clears
Remote Wakeup Status (RES_CLR_WKP_STS) bit for further details.
Note:
It is not valid to simultaneously clear the WUPS bits and change the
contents of the Suspend Mode (SUSPEND_MODE) field.
R/WC
00b
Bits
Description
Type
Default
WUPS[1:0]
Event
00
No wake-up event detected
X1
Energy-Detect (SUSPEND1)
1X
Wake On LAN (SUSPEND0) / Good Frame (SUSPEND3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com