Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAN9730 Datasheet(PDF) 155 Page - Microchip Technology

Part # LAN9730
Description  High-Speed Inter-Chip USB 2.0 to 10/100 Ethernet Controller
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9730 Datasheet(HTML) 155 Page - Microchip Technology

Back Button LAN9730 Datasheet HTML 151Page - Microchip Technology LAN9730 Datasheet HTML 152Page - Microchip Technology LAN9730 Datasheet HTML 153Page - Microchip Technology LAN9730 Datasheet HTML 154Page - Microchip Technology LAN9730 Datasheet HTML 155Page - Microchip Technology LAN9730 Datasheet HTML 156Page - Microchip Technology LAN9730 Datasheet HTML 157Page - Microchip Technology LAN9730 Datasheet HTML 158Page - Microchip Technology LAN9730 Datasheet HTML 159Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 155 / 222 page
background image
 2012-2015 Microchip Technology Inc.
DS00001946A-page 155
LAN9730/LAN9730i
6.3.25
TRANSMIT FIFO LEVEL DEBUG REGISTER (DBG_TX_FIFO_LVL)
Address:
078h
Size:
32 bits
Bits
Description
Type
Default
31:28
RESERVED
RO
-
27:16
TX FIFO Read Level (TXRDLVL)
This is a DWORD count defined as follows:
The count is increased by the number of DWORDs contained in the packet
after the ENTIRE packet has been written into the FIFO.
As a packet is read from the FIFO, it is decremented each time a DWORD is
read.
Note:
Rewinds are not supported.
RO
000h
15:12
RESERVED
RO
-
11:0
TX FIFO Write Level (TXWRLVL)
This is a DWORD count defined as follows:
As a packet is written into the FIFO, it is incremented each time a DWORD is
written.
Whenever a COMPLETE packet has been read from the FIFO, it is decreased
by the number of DWORDs contained in the packet.
On rewind, it is decreased by the number of DWORDs of the packet that has
currently been transferred into the FIFO.
Note:
Write side rewinds are supported, i.e., if a USB packet is received
with an error, the packet is rewound out and re-received from the
host.
RO
000h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com