Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAN9730 Datasheet(PDF) 161 Page - Microchip Technology

Part # LAN9730
Description  High-Speed Inter-Chip USB 2.0 to 10/100 Ethernet Controller
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9730 Datasheet(HTML) 161 Page - Microchip Technology

Back Button LAN9730 Datasheet HTML 157Page - Microchip Technology LAN9730 Datasheet HTML 158Page - Microchip Technology LAN9730 Datasheet HTML 159Page - Microchip Technology LAN9730 Datasheet HTML 160Page - Microchip Technology LAN9730 Datasheet HTML 161Page - Microchip Technology LAN9730 Datasheet HTML 162Page - Microchip Technology LAN9730 Datasheet HTML 163Page - Microchip Technology LAN9730 Datasheet HTML 164Page - Microchip Technology LAN9730 Datasheet HTML 165Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 161 / 222 page
background image
 2012-2015 Microchip Technology Inc.
DS00001946A-page 161
LAN9730/LAN9730i
6.3.31
FLAG ATTRIBUTES REGISTER (FLAG_ATTR)
This register sets the values of elements of the Configuration Flags and PME flags when no EEPROM is present and
customized operation, using Descriptor RAM images, is to occur. This register does not contain Configuration Flag ele-
ments that are components of other registers. Those elements will be programmed by the driver software directly prior
to initiating customized operation via Descriptor RAM.
Note 6-12
The default value depends on the setting of the RMT_WKP strap.
Address:
0B0h
Size:
32 bits
Note:
This register only affects system operation when an EEPROM is not present and the EEPROM Emulation
Enable (EEM) bit indicates Descriptor RAM and the Attributes registers are to be used for descriptor pro-
cessing.
Note:
Writing to this register when an EEPROM is present is prohibited and will result in untoward operation and
unexpected results.
Note:
This register is protected by Reset Protection (RST_PROTECT).
Bits
Description
Type
Default
31:18
RESERVED
RO
-
17
Remote Wakeup Support (RMT_WKP)
Refer to Remote Wakeup Support bit in Table 4-57, “Configuration Flags” for
definition.
R/W
Note 6-12
16
Power Method (PWR_SEL)
Refer to Power Method bit in Table 4-57, “Configuration Flags” for definition.
R/W
1b
15:8
RESERVED
RO
-
7:0
GPIO PME Flags (PME_FLAGS)
Refer to Table 4-58, “GPIO PME Flags” for bit definitions.
R/W
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com