Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A6986F3V3 Datasheet(PDF) 52 Page - STMicroelectronics

Part # A6986F3V3
Description  38 V 1.5 A synchronous step-down switching regulator
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A6986F3V3 Datasheet(HTML) 52 Page - STMicroelectronics

Back Button A6986F3V3 Datasheet HTML 48Page - STMicroelectronics A6986F3V3 Datasheet HTML 49Page - STMicroelectronics A6986F3V3 Datasheet HTML 50Page - STMicroelectronics A6986F3V3 Datasheet HTML 51Page - STMicroelectronics A6986F3V3 Datasheet HTML 52Page - STMicroelectronics A6986F3V3 Datasheet HTML 53Page - STMicroelectronics A6986F3V3 Datasheet HTML 54Page - STMicroelectronics A6986F3V3 Datasheet HTML 55Page - STMicroelectronics A6986F3V3 Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 72 page
background image
Application notes
A6986F
52/72
DocID027739 Rev 1
Equation 44
Where IOUT is the maximum DC output current, D is the duty cycles, is the efficiency. This
function has a maximum at D = 0.5 and, considering
 = 1, it is equal to Io/2.
In a specific application the range of possible duty cycles has to be considered in order to
find out the maximum RMS input current. The maximum and minimum duty cycles can be
calculated as:
Equation 45
Equation 46
Where
VHIGH_SIDE and VLOW_SIDE are the voltage drops across the embedded switches.
The peak-to-peak voltage across the input filter can be calculated as:
Equation 47
In case of negligible ESR (MLCC capacitor) the equation of CIN as a function of the target
VPP can be written as follows:
Equation 48
Considering
this function has its maximum in D = 0.5:
Equation 49
Typically CIN is dimensioned to keep the maximum peak-peak voltage across the input filter
in the order of 5% VIN_MAX.
Table 13. Input capacitors
Manufacturer
Series
Size
Cap value (
F)
Rated voltage (V)
TDK
C3225X7S1H106M
1210
10
50
C3216X5R1H106M
1206
Taiyo Yuden
UMK325BJ106MM-T
1210
IRMS
IOUT
1
D
----
–

 D
----
=
DMAX
VOUT VLOWSIDE
+
VINMIN VLOWSIDE VHIGHSIDE
–
+
------------------------------------------------------------------------------------------------
=
DMIN
VOUT VLOWSIDE
+
VINMAX VLOWSIDE VHIGHSIDE
–
+
--------------------------------------------------------------------------------------------------
=
VPP
IOUT
CIN fSW
-------------------------
1
D
----
–

 D
----
ESR
IOUT IL
+

+
=
CIN
IOUT
VPP fSW
--------------------------
1
D
----
–

 D
----
=
CINMIN
IOUT
4VPPMAX fSW
----------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com