Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A6986F3V3 Datasheet(PDF) 18 Page - STMicroelectronics

Part # A6986F3V3
Description  38 V 1.5 A synchronous step-down switching regulator
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A6986F3V3 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button A6986F3V3 Datasheet HTML 14Page - STMicroelectronics A6986F3V3 Datasheet HTML 15Page - STMicroelectronics A6986F3V3 Datasheet HTML 16Page - STMicroelectronics A6986F3V3 Datasheet HTML 17Page - STMicroelectronics A6986F3V3 Datasheet HTML 18Page - STMicroelectronics A6986F3V3 Datasheet HTML 19Page - STMicroelectronics A6986F3V3 Datasheet HTML 20Page - STMicroelectronics A6986F3V3 Datasheet HTML 21Page - STMicroelectronics A6986F3V3 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 72 page
background image
Functional description
A6986F
18/72
DocID027739 Rev 1
Figure 6. Soft-start phase with precharged COUT
During normal operation a new soft-start cycle takes place in case of:
Thermal shutdown event
UVLO event
The device is driven in INH mode
The soft-start capacitor is discharged with a 0.6 mA typ. current capability for 1 msec time
max. For complete and proper capacitor discharge in case of fault condition, a maximum
CSS = 67 nF value is suggested.
The application example in Figure 7 shows how to enable the A6986F and perform the soft-
start phase driven by an external voltage step, for example the signal from the ignition
switch in automotive applications.
Figure 7. Enable the device with external voltage step
RUP
RDWN
CSS
SS/INH
I
SS CH
VSTEP
Ignition switch
1 A typ in INHIBIT
4 Atyp in SS
I
SS DISCH
UVLO
Thermal shutdown
= 600 Atyp



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com