Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A6986F3V3 Datasheet(PDF) 64 Page - STMicroelectronics

Part # A6986F3V3
Description  38 V 1.5 A synchronous step-down switching regulator
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A6986F3V3 Datasheet(HTML) 64 Page - STMicroelectronics

Back Button A6986F3V3 Datasheet HTML 60Page - STMicroelectronics A6986F3V3 Datasheet HTML 61Page - STMicroelectronics A6986F3V3 Datasheet HTML 62Page - STMicroelectronics A6986F3V3 Datasheet HTML 63Page - STMicroelectronics A6986F3V3 Datasheet HTML 64Page - STMicroelectronics A6986F3V3 Datasheet HTML 65Page - STMicroelectronics A6986F3V3 Datasheet HTML 66Page - STMicroelectronics A6986F3V3 Datasheet HTML 67Page - STMicroelectronics A6986F3V3 Datasheet HTML 68Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 72 page
background image
EMC testing results
A6986F
64/72
DocID027739 Rev 1
Figure 58 shows the schematic of the EMC board that can be configured for CE and DPI
testing.
Figure 58. CE - 150R / DPI
signal GND
power GND
A6986F - 500kHz - CE VERSION
2A DC
2A DC
2A DC
50ohm
50ohm
50ohm
50ohm
50ohm
50ohm
50ohm
CE 150ohm ASSEMBLY VERSION:
RF Networks: Mount 120R
Mount 6.8nF
Mount 51R
DPI ASSEMBLY VERSION:
RF Networks: Change 120R into 0R
Mount 6.8nF
Don't mount 51R
GND-RF
GND-RF
VS1
GND-RF
GND-RF
VS2
GND-RF
GND-RF
VIN_PIN
GND-RF
GND-RF
VOUT
GND-RF
GND-RF
RST
GND-RF
GND-RF
SS_INH
GND-RF
GND-RF
SYNCH
PGND
PGND
PGND
PGND
PGND
SYNCH
SYNCH
VIN_PIN
VIN_PIN
RST
RST
VOUT
SS_INH
VS1
VS2
PGND
R24
120R
0603
R25
51R
TP5
VS
R8
110K
R12
1K
0603
JP5
C16
4.7uF
X5R
1206
50V
R13
DNM
C9
10uF
X5R
1206
50V
TP1
SS/INH
TP7
GND
C15
4.7uF
X5R
1206
50V
R4
0R
JP4
TP4
VOUT
R10 DNM
0603
C23
6.8nF
X7R
0603
100V
L2
4.7uH
XAL40
C4
2.2pF
COG/NP0
0603
50V
R18
51R
R5
DNM
0603
JP3
R11
10K
J1
BNC-SMA-FEM-180-SMD
1
R9
DNM
0603
J2
BNC-SMA-FEM-180-SMD
1
C21
6.8nF
X7R
0603
100V
R28
51R
C17
DNM
0805
C14
4.7uF
X5R
1206
50V
R17
51R
C22
6.8nF
X7R
0603
100V
+ C13A
220uF
10X10
50V
R27
120R
0603
R21
51R
C8
150pF
COG/NP0
0603
50V
R15
120R
0603
U1
A6986F5V
RST
1
VCC
2
SS/INH
3
SYNCH
4
FSW
5
MLF
6
COMP
7
DELAY
8
FB
9
SGND
10
PGND
11
PGND
12
LX
13
LX
14
VIN
15
VBIAS
16
EP
17
J6
BNC-SMA-FEM-180-SMD
1
J3
BNC-SMA-FEM-180-SMD
1
C6
10nF
X7R
0603
50V
TP11
GND
R14 1K
0603
L3
220R
3A
0805
R16
120R
0603
TP6
GND
R29
DNM
+
C13B
DNM
8X10
J7
BNC-SMA-FEM-180-SMD
1
TP3
SYNCH
C7
DNM
0603
C20
6.8nF
X7R
0603
100V
R2
0R
C24
6.8nF
X7R
0603
100V
Q1
2N7002
SOT23
TP8
VIN_EMI
J5
BNC-SMA-FEM-180-SMD
1
R19
120R
0603
TP2
RST
M1
MORS2V1P
1
1
2
2
R22
51R
C12
DNM
0603
JP2
R1
DNM
0603
R20
120R
0603
C19
6.8nF
X7R
0603
100V
C10
10uF
X5R
1206
50V
R3
DNM
0603
R7
0R
0603
M2
MORS2V1P
1
1
2
2
L1
6.8uH
XAL50/XAL40
C5
100nF
X7R
0603
50V
R26
51R
TP9
VCC
R23
120R
0603
TP10
GND
R6
1M
0603
C18
6.8nF
X7R
0603
100V
J4
BNC-SMA-FEM-180-SMD
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com