Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A6986F3V3 Datasheet(PDF) 8 Page - STMicroelectronics

Part # A6986F3V3
Description  38 V 1.5 A synchronous step-down switching regulator
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A6986F3V3 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button A6986F3V3 Datasheet HTML 4Page - STMicroelectronics A6986F3V3 Datasheet HTML 5Page - STMicroelectronics A6986F3V3 Datasheet HTML 6Page - STMicroelectronics A6986F3V3 Datasheet HTML 7Page - STMicroelectronics A6986F3V3 Datasheet HTML 8Page - STMicroelectronics A6986F3V3 Datasheet HTML 9Page - STMicroelectronics A6986F3V3 Datasheet HTML 10Page - STMicroelectronics A6986F3V3 Datasheet HTML 11Page - STMicroelectronics A6986F3V3 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 72 page
background image
Electrical characteristics
A6986F
8/72
DocID027739 Rev 1
3
Electrical characteristics
TJ = -40 to 135 °C, VIN = 12 V unless otherwise specified.
Table 5. Electrical characteristics
Symbol
Parameter
Test condition
Note Min. Typ. Max. Unit
VIN
Operating input voltage range
4
38
V
VINH
VCC UVLO rising threshold
2.7
3.5
VINL
VCC UVLO falling threshold
2.4
3.5
IPK
Peak current limit
Duty cycle < 20%
2.3
A
Duty cycle = 100%
closed loop operation
1.8
IVY
Valley current limit
2.4
ISKIPH
Programmable skip current
limit
LCM, VSYNCH = GND
(1)
0.2
0.4
0.6
ISKIPL
LCM, VSYNCH = VCC
(2)
0.2
IVY_SNK Reverse current limit
LNM or VOUT overvoltage
0.5
1
2
RDSON HS High-side RDSON
ISW = 1 A
0.18 0.360
RDSON LS Low-side RDSON
ISW = 1 A
0.15 0.300
fSW
Selected switching frequency FSW pinstrapping before SS
See Table 6: fSW
selection
IFSW
FSW biasing current
SS ended
0
500
nA
LCM/LNM
Low noise mode /
Low consumption mode
selection
MLF pinstrapping before SS
See Table 7 on page 11,
Table 8 on page 12,
Table 9 on page 12
IMLF
MLF biasing current
SS ended
0
500
nA
D
Duty cycle
(2)
0
100
%
TON MIN Minimum On time
80
ns
VCC regulator
VCC
LDO output voltage
VBIAS = GND (no switchover)
2.9
3.3
3.6
V
VBIAS = 5 V (switchover)
2.9
3.3
3.6
SWO
VBIAS threshold
(3 V< VBIAS < 5.5 V)
Switch internal supply from VIN to
VBIAS
2.85
3.2
Switch internal supply from VBIAS to
VIN
2.78
3.15
Power consumption
ISHTDWN Shutdown current from VIN
VSS/INH = GND
4
8
15
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com