Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A6986F3V3 Datasheet(PDF) 51 Page - STMicroelectronics

Part # A6986F3V3
Description  38 V 1.5 A synchronous step-down switching regulator
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A6986F3V3 Datasheet(HTML) 51 Page - STMicroelectronics

Back Button A6986F3V3 Datasheet HTML 47Page - STMicroelectronics A6986F3V3 Datasheet HTML 48Page - STMicroelectronics A6986F3V3 Datasheet HTML 49Page - STMicroelectronics A6986F3V3 Datasheet HTML 50Page - STMicroelectronics A6986F3V3 Datasheet HTML 51Page - STMicroelectronics A6986F3V3 Datasheet HTML 52Page - STMicroelectronics A6986F3V3 Datasheet HTML 53Page - STMicroelectronics A6986F3V3 Datasheet HTML 54Page - STMicroelectronics A6986F3V3 Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 72 page
background image
DocID027739 Rev 1
51/72
A6986F
Application notes
72
The master driving capability must be able to provide the proper signal levels at the SYNCH
pin (see Table 5 on page 8 - Synchronization section):
 Low level < VSYN THL= 0.7 V sinking 5 mA
 High level > VSYN THH = 1.2 V sourcing 0.7 mA
Figure 44. Master driving capability to synchronize the A6986
As anticipated above, in SLAVE mode the internal oscillator operates at 250 kHz typ. but the
slope compensation is dimensioned accordingly with FSW resistors so, even if the A6986F
supports synchronization over the 275 kHz - 2 MHz frequency range, it is important to limit
the switching operation around a working point close to the selected frequency (FSW
resistor).
As a consequence, to guarantee the full output current capability and to prevent the
subharmonic oscillations the master must limit the driving frequency range within ± 20% of
the selected frequency.
A wider frequency range may generate subharmonic oscillation for duty > 50% or limit the
peak current capability (see IPK parameter in Table 5) since the internal slope compensation
signal may be saturated.
7.6
Design of the power components
7.6.1
Input capacitor selection
The input capacitor voltage rating must be higher than the maximum input operating voltage
of the application. During the switching activity a pulsed current flows into the input capacitor
and so its RMS current capability must be selected accordingly with the application
conditions. Internal losses of the input filter depends on the ESR value so usually low ESR
capacitors (like multilayer ceramic capacitors) have higher RMS current capability. On the
other hand, given the RMS current value, lower ESR input filter has lower losses and so
contributes to higher conversion efficiency.
The maximum RMS input current flowing through the capacitor can be calculated as:
R
L
R
H
V
SYN_TH_H
V
SYN_TH_L
V
CCM
5 mA
0.7 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com