Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A6986F3V3 Datasheet(PDF) 14 Page - STMicroelectronics

Part # A6986F3V3
Description  38 V 1.5 A synchronous step-down switching regulator
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A6986F3V3 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button A6986F3V3 Datasheet HTML 10Page - STMicroelectronics A6986F3V3 Datasheet HTML 11Page - STMicroelectronics A6986F3V3 Datasheet HTML 12Page - STMicroelectronics A6986F3V3 Datasheet HTML 13Page - STMicroelectronics A6986F3V3 Datasheet HTML 14Page - STMicroelectronics A6986F3V3 Datasheet HTML 15Page - STMicroelectronics A6986F3V3 Datasheet HTML 16Page - STMicroelectronics A6986F3V3 Datasheet HTML 17Page - STMicroelectronics A6986F3V3 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 72 page
background image
Functional description
A6986F
14/72
DocID027739 Rev 1
5
Functional description
The A6986F device is based on a “peak current mode”, constant frequency control. As
a consequence, the intersection between the error amplifier output and the sensed inductor
current generates the PWM control signal to drive the power switch.
The device features LNM (low noise mode) that is forced PWM control, or LCM (low
consumption mode) to increase the efficiency at light-load.
The main internal blocks shown in the block diagram in Figure 3 are:
Embedded power elements. Thanks to the P-channel MOSFET as high-side switch the
device features low dropout operation
A fully integrated sawtooth oscillator with adjustable frequency
A transconductance error amplifier
An internal feedback divider GDIV INT
The high-side current sense amplifier to sense the inductor current
A “Pulse Width Modulator” (PWM) comparator and the driving circuitry of the
embedded power elements
The soft-start blocks to ramp the error amplifier reference voltage and so decreases the
inrush current at power-up. The SS/INH pin inhibits the device when driven low.
The switchover capability of the internal regulator to supply a portion of the quiescent
current when the VBIAS pin is connected to an external output voltage
The synchronization circuitry to manage master / slave operation and the
synchronization to an external clock
The current limitation circuit to implement the constant current protection, sensing
pulse by pulse high-side / low-side switch current. In case of heavy short-circuit the
current protection is fold back to decrease the stress of the external components
A circuit to implement the thermal protection function
The OVP circuitry to discharge the output capacitor in case of overvoltage event
MLF pin strapping sets the LNM/LCM mode and the thresholds of the RST comparator
FSW pinstrapping sets the switching frequency
The RST open collector output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com