Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6751B Datasheet(PDF) 53 Page - STMicroelectronics

Part # L6751B
Description  Digitally controlled dual PWM for Intel VR12 and AMD SVI
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6751B Datasheet(HTML) 53 Page - STMicroelectronics

Back Button L6751B Datasheet HTML 49Page - STMicroelectronics L6751B Datasheet HTML 50Page - STMicroelectronics L6751B Datasheet HTML 51Page - STMicroelectronics L6751B Datasheet HTML 52Page - STMicroelectronics L6751B Datasheet HTML 53Page - STMicroelectronics L6751B Datasheet HTML 54Page - STMicroelectronics L6751B Datasheet HTML 55Page - STMicroelectronics L6751B Datasheet HTML 56Page - STMicroelectronics L6751B Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 58 page
background image
L6751B
PMBus support (preliminary)
Doc ID 024028 Rev 1
53/58
12.3
Input voltage monitoring (READ_VIN)
The dedicated PMBus command allows the user to monitor input voltage. By connecting the
VIN pin to the input voltage with the recommended resistor values, the L6751B returns the
value of the input voltage measured as a voltage (linear format, N=-4).
The divider needs to be programmed to have 1.24 V on the pin when VIN=15.9375 V.
According to this, RUP=118.5 kΩ and RDOWN=10 kΩ.
Errors in defining the divider lead to monitoring errors accordingly.
Filter VIN pin locally to GND to increase stability of the voltage being measured.
12.4
Duty cycle monitoring (READ_DUTY)
The dedicated PMBus command allows the user to monitor duty cycle for multi-phase with
the aim of calculating input current inexpensively (no need for input current-sense resistors).
By connecting the PHASE pin to the phase1 PHASE pin, the L6751B returns the value of
the duty cycle as a percentage (linear format, N=-2).
The divider needs to be programmed to respect absolute maximum ratings for the pin (7
Vmax). According to this, RUP=5.6 kΩ and RDOWN=470 Ω.
Figure 17.
Device initialization: PMBus controlling Vout
VCC5
VDRV
VIN
UVLO
2mSec POR
UVLO
UVLO
50uSec
EN
SVI BUS
PMBus
V_SinglePhase
ENVTT (Ignored by ON_OFF_Config setting)
SVRRDY
64uSec
ON-OFF_Config
Operation
V_MultiPhase
VRRDY
64uSec
SVI Packet
Command Rejected
Command ACK but not executed
AM14848v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com