Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6751B Datasheet(PDF) 40 Page - STMicroelectronics

Part # L6751B
Description  Digitally controlled dual PWM for Intel VR12 and AMD SVI
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6751B Datasheet(HTML) 40 Page - STMicroelectronics

Back Button L6751B Datasheet HTML 36Page - STMicroelectronics L6751B Datasheet HTML 37Page - STMicroelectronics L6751B Datasheet HTML 38Page - STMicroelectronics L6751B Datasheet HTML 39Page - STMicroelectronics L6751B Datasheet HTML 40Page - STMicroelectronics L6751B Datasheet HTML 41Page - STMicroelectronics L6751B Datasheet HTML 42Page - STMicroelectronics L6751B Datasheet HTML 43Page - STMicroelectronics L6751B Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 58 page
background image
Single NTC thermal monitor and compensation
L6751B
40/58
Doc ID 024028 Rev 1
increases. Un-compensated systems show temperature dependencies on the regulated
voltage, overcurrent protection and current reporting.
The temperature information available on the TM/STM pin and used for thermal monitor may
be used also for this purpose. By comparing the voltage on the TM/STM pin with the voltage
present on the TCOMP/STCOMP pin, the L6751B corrects the IDROOP/ISDROOP current
used for voltage positioning (see Section 6.3), so recovering the DCR temperature
deviation. Depending on NTC location and distance from the inductors and the available
airflow, the correlation between NTC temperature and DCR temperature may be different:
TCOMP/STCOMP adjustments allow the gain between the sensed temperature and the
correction made upon the IDROOP/ISDROOP current to be modified.
Short TCOMP/STCOMP to GND to disable thermal compensation (no correction of
IDROOP/ISDROOP is made).
8.3
TM/STM and TCOMP/STCOMP design
This procedure applies to both single-phase and multi-phase sections.
1.
Properly choose the resistive network to be connected to the TM pin. Recommended
values/network is reported in Figure 11.
2.
Connect voltage generator to the TCOMP pin (default value 3.3 V).
3.
Power on the converter and load the thermal design current (TDC) with the desired
cooling conditions. Record the output voltage regulated as soon as the load is applied.
4.
Wait for thermal steady-state. Adjust down the voltage generator on the TCOMP pin in
order to get the same output voltage recorded at point #3.
5.
Design the voltage divider connected to TCOMP (between VCC5 and GND) in order to
get the same voltage set to TCOMP at point #4.
6.
Repeat the test with the TCOMP divider designed at point #5 and verify the thermal
drift is acceptable.
In case of positive drift (i.e. output voltage at thermal steady-state is bigger than
output voltage immediately after loading TDC current), change the divider at the
TCOMP pin in order to reduce the TCOMP voltage.
In case of negative drift (i.e. output voltage at thermal steady-state is smaller than
output voltage immediately after loading TDC current), change the divider at the
TCOMP pin in order to increase the TCOMP voltage.
7.
The same procedure can be implemented with a variable resistor in place of one of the
resistors of the divider. In this case, once the compensated configuration is found,
simply replace the variable resistor with a resistor with the same value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com