Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6751B Datasheet(PDF) 43 Page - STMicroelectronics

Part # L6751B
Description  Digitally controlled dual PWM for Intel VR12 and AMD SVI
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6751B Datasheet(HTML) 43 Page - STMicroelectronics

Back Button L6751B Datasheet HTML 39Page - STMicroelectronics L6751B Datasheet HTML 40Page - STMicroelectronics L6751B Datasheet HTML 41Page - STMicroelectronics L6751B Datasheet HTML 42Page - STMicroelectronics L6751B Datasheet HTML 43Page - STMicroelectronics L6751B Datasheet HTML 44Page - STMicroelectronics L6751B Datasheet HTML 45Page - STMicroelectronics L6751B Datasheet HTML 46Page - STMicroelectronics L6751B Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 58 page
background image
L6751B
Efficiency optimization
Doc ID 024028 Rev 1
43/58
9.2.1
VFDE and DrMOS
To guarantee correct behavior for DrMOS power stage compliant with Intel specification
rev3, it is recommended to control the DrMOS’ SMOD input through the ENDRV/SENDRV
pins of the L6751B. DrMOS enable must be controlled with the same signal used for the
L6751B EN pin.
Proper HiZ level can be programmed by adding proper external resistor divider across
PWM1 and PWM2. See Section 4.2 for details about HiZ level recognition. See reference
schematic in Figure 1.
9.3
Gate drive control (GDC)
Gate drive control (GDC) is a proprietary function which allows the L6751B to dynamically
control the Power MOSFET driving voltage in order to further optimize the overall system
efficiency. According to the SVI power state commanded and the configuration received
through the PMBus, the device switches this pin (GDC) between VCC5 or VDRV (inputs).
By connecting the power supply of external drivers directly to this pin, it is then possible to
carefully control the external MOSFET driving voltage.
In fact, high driving voltages are required to obtain good efficiency in high loading
conditions. On the contrary, in lower loading conditions, such high driving voltage penalizes
efficiency because of high losses in Qgs. GDC allows to tune the MOSFET driving voltage
according to the delivered current.
The default configuration considers GDC always switched to VDRV except when entering
power states higher than PS01h (included): in this case, to further increase efficiency,
simply supply Phase1 and Phase2 driver through the GDC pin. Their driving voltage is
automatically updated as lower power states are commanded through the SVI interface.
Further optimization may be possible by properly setting an automatic GDC threshold
through the dedicated PMBus command and/or pinstrapping. It is then possible to enable
the gate driving voltage switchover even in PS00h. According to the positioning of the
threshold compared with DPM thresholds, it is possible to achieve different performances.
Simulations and/or bench tests may be of help in defining the best performing configuration
achievable with the active and passive components available.
Figure 12.
Output current vs. switching frequency in PSK mode
t
Iout = Ipp/2
t
Iout < Ipp/2
Tsw
Tsw
Tvfde
AM14844v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com