Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6751B Datasheet(PDF) 25 Page - STMicroelectronics

Part # L6751B
Description  Digitally controlled dual PWM for Intel VR12 and AMD SVI
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6751B Datasheet(HTML) 25 Page - STMicroelectronics

Back Button L6751B Datasheet HTML 21Page - STMicroelectronics L6751B Datasheet HTML 22Page - STMicroelectronics L6751B Datasheet HTML 23Page - STMicroelectronics L6751B Datasheet HTML 24Page - STMicroelectronics L6751B Datasheet HTML 25Page - STMicroelectronics L6751B Datasheet HTML 26Page - STMicroelectronics L6751B Datasheet HTML 27Page - STMicroelectronics L6751B Datasheet HTML 28Page - STMicroelectronics L6751B Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 58 page
background image
L6751B
Device configuration and pinstrapping tables
Doc ID 024028 Rev 1
25/58
Note:
1
Recommended values, divider needs to be connected between VCC5 pin and GND.
2
BOOT is ignored in AMD mode, only TMAX is operative.
3
Operative mode defined by ADDR pin. See Table 9 for details.
56
36
0.000 V
1.100 V
VSA
10
μsec
(functional)
ON
1.350 V
32
μSec
(debug)
130
18
13
120
15
12
110
18
16
100
15
14.7
0.000 V
1.000 V
VSA
10
μsec
(functional)
10
μSec
(functional)
130
10
11
120
18
22
110
56
75
100
10
15
0.000 V
0.900 V
VSA
10
μsec
(functional)
OFF
1.500 V
32
μSec
(debug)
130
12
20
120
12
22.6
110
39
82
100
47
110
0.000 V
1.000 V
GFX
32
μsec
(debug)
10
μSec
(functional)
130
10
27
120
22
68
110
10
36
100
18
75
1.000 V
1.000 V
GFX
32
μsec
(debug)
OFF
1.350 V
32
μSec
(debug)
130
15
75
120
10
59
110
10
75
100
10
100
0.000 V
0.000 V
GFX
10
μsec
(functional)
10
μSec
(functional)
130
10
150
120
10
220
110
10
Open
100
Table 10.
BOOT / TMAX pinstrapping (Note 1, 2) (continued)
Rdown
[k
Ω]
Rup
[k
Ω]
BOOT - Intel address 0000b (Note 3)
Intel address 0010b, 0100b (Note 3)
TMAX [C]
Multi-
phase
Single-
phase
Link-rest
JMode
VBOOT
Link rest



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com