Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6751B Datasheet(PDF) 14 Page - STMicroelectronics

Part # L6751B
Description  Digitally controlled dual PWM for Intel VR12 and AMD SVI
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6751B Datasheet(HTML) 14 Page - STMicroelectronics

Back Button L6751B Datasheet HTML 10Page - STMicroelectronics L6751B Datasheet HTML 11Page - STMicroelectronics L6751B Datasheet HTML 12Page - STMicroelectronics L6751B Datasheet HTML 13Page - STMicroelectronics L6751B Datasheet HTML 14Page - STMicroelectronics L6751B Datasheet HTML 15Page - STMicroelectronics L6751B Datasheet HTML 16Page - STMicroelectronics L6751B Datasheet HTML 17Page - STMicroelectronics L6751B Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 58 page
background image
Pin description and connection diagram
L6751B
14/58
Doc ID 024028 Rev 1
56
COMP /
ADDR
A
Error amplifier output.
Connect with an (RF - CF)// CP to FB. The device cannot be disabled by
pulling low this pin.
Connect RCOMP = 12.5 kΩ to GND to extend PMBus addressing range
(see Table 9).
57
FB
A
Error amplifier inverting input.
Connect with a resistor RFB // (RI - CI) to VSEN and with an (RF - CF)// CP
to COMP.
58
VSEN
A
Output voltage monitor, manages OV and UV protection.
Connect to the positive side of the load to perform remote sense.
59
FBR
A
Remote buffer positive sense.
Connect to the positive side of the multi-phase load to perform remote
sense.
60
LTB
A
LTB Technology input pin. See Section 11.2 for details.
61
RGND
A
Remote ground sense.
Connect to the negative side of the multi-phase load to perform remote
sense.
62
REF
A
The reference used for the multi-phase section regulation is available on
this pin with -125 mV offset. Connect through an RREF-CREF to GND to
optimize DVID transitions. Connect through ROS resistor to FB pin to
implement small positive offset to the regulation.
63
IMON
A
Current monitor output.
A current proportional to the multi-phase load current is sourced from this
pin. Connect through a resistor RMON to GND. The information available
on this pin is used for the current reporting and DPM. The pin can be
filtered through CIMON to GND.
64
SVR_RDY
(PWROK)
D
VR Ready (Intel mode). Open drain output set free after SS has finished
and pulled low when triggering any protection for the single-phase section.
Pull up to a voltage lower than 3.3 V (typ.), if not used it can be left floating.
PowerOK (AMD mode). System-wide Power Good input. When low, the
device decodes SVC and SVD to determine the boot voltage.
65
ENDRV
D
Enable driver.
CMOS output driven high when the IC commands the drivers. Used in con-
junction with the HiZ window on the PWMx pins to optimize the multi-
phase section overall efficiency. Connect directly to external driver enable
pin.
66
PWM6
D
PWM output.
Connect to related multi-phase channel external driver PWM input. During
normal operation the device is able to manage HiZ status by setting and
holding the PWMx pin to fixed voltage defined before. See Table 7 for
phase number programming.
67
PWM5
D
68
PWM4
D
PAD
GND
A
GND connection. All internal references and logic are referenced to this
pin. Filter to VCC with proper MLCC capacitor and connect to the PCB
GND plane.
Table 2.
Pin description (continued)
Pin#
Name
Type
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com