Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6751B Datasheet(PDF) 33 Page - STMicroelectronics

Part # L6751B
Description  Digitally controlled dual PWM for Intel VR12 and AMD SVI
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6751B Datasheet(HTML) 33 Page - STMicroelectronics

Back Button L6751B Datasheet HTML 29Page - STMicroelectronics L6751B Datasheet HTML 30Page - STMicroelectronics L6751B Datasheet HTML 31Page - STMicroelectronics L6751B Datasheet HTML 32Page - STMicroelectronics L6751B Datasheet HTML 33Page - STMicroelectronics L6751B Datasheet HTML 34Page - STMicroelectronics L6751B Datasheet HTML 35Page - STMicroelectronics L6751B Datasheet HTML 36Page - STMicroelectronics L6751B Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 58 page
background image
L6751B
Output voltage positioning
Doc ID 024028 Rev 1
33/58
6.7.1
LSLESS startup and pre-bias output
Any time the device resumes from an “OFF” code and at the first power-up, in order to avoid
any kind of negative undershoot on the load side, the L6751B performs a special sequence
in enabling the drivers: during the soft-start phase, the LS driver results as being disabled
(LS=OFF - PWMx set to HiZ and ENDRV = 0) until the first PWM pulse. After the first PWM
pulse, PWMx outputs switch between logic “0” and logic “1” and ENDRV is set to logic “1”.
This particular sequence avoids the dangerous negative spike on the output voltage that
can occur if starting over a pre-biased output.
Low-side MOSFET turn-on is masked only from the control loop point of view: protection is
still allowed to turn on the low-side MOSFET if overvoltage is needed.
6.8
DVID optimization: REF/SREF
High slew rate for dynamic VID transitions causes undershoot on the regulated voltage,
causing violation in the microprocessor requirement. To compensate this behavior and to
remove any undershoot in the transition, each section features DVID optimization circuit.
The reference used for the regulation is available on the REF/SREF pin (see Figure 10).
Connect an RREF/CREF to GND (RSREF/CSREF for the single-phase) to optimize the DVID
behavior. Components may be designed as follows (multi-phase, same equations apply to
single-phase):
Equation 9
where
ΔVosc is the PWM ramp and kV the gain for the voltage loop (see Section 11).
During a falling DVID transition, the REF pin moves according to the DVID command issued;
the current requested to charge/discharge the RREF/CREF network is mirrored and added to
the droop current compensating for undershoot on the regulated voltage.
Figure 8.
SLESS startup: enabled (left) Figure 9.
LSLESS startup: disabled
(right)
AM14840v1
AM14841v1
C
REF
C
F
1
ΔV
OSC
k
V
V
IN
⋅
----------------------
–
⎝⎠
⎛⎞
⋅
=
R
REF
R
F
C
F
⋅
C
REF
----------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com