Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9662TR Datasheet(PDF) 60 Page - STMicroelectronics

Part # L9662TR
Description  Octal squib driver and quad Manchester/PSI5 encoded sensor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9662TR Datasheet(HTML) 60 Page - STMicroelectronics

Back Button L9662TR Datasheet HTML 56Page - STMicroelectronics L9662TR Datasheet HTML 57Page - STMicroelectronics L9662TR Datasheet HTML 58Page - STMicroelectronics L9662TR Datasheet HTML 59Page - STMicroelectronics L9662TR Datasheet HTML 60Page - STMicroelectronics L9662TR Datasheet HTML 61Page - STMicroelectronics L9662TR Datasheet HTML 62Page - STMicroelectronics L9662TR Datasheet HTML 63Page - STMicroelectronics L9662TR Datasheet HTML 64Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 80 page
background image
Functional description
L9662
60/80
DocID028325 Rev 1
Figure 15. Example of Manchester decoding using satellite protocol
Communication protocols
In order to support the various satellite sensors, the device supports two different
communication standards (MS and PSI5 Mode). The Manchester standard consists of two
protocols (CRC / Even Parity), while the PSI5 standard consists of one protocol (Even
Parity) for a total of three communication protocols. The three protocols which are described
in this section are: 1) Protocol A - CRC. 2) Protocol B Generic – Parity: to support Bosch
PAS3 and PAS4 sensors. 3) Protocol C: PSI5 – Parity: support for various sensors. Bit D3 of
the MCR configures the device for either MS or PSI5 communication standard. Bits D10 to
D13 in the MCR register are used to configure the specific device channel (Ch. 0,1,2,3) to
use any of these specified protocols.
This version of the device supports the following PSI5 Operational Modes.
PSI5-A8P-250/1L
PSI5-A10P-250/1L
PSI5-P10P-250/1L
PSI5-P10P-500/2L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com