Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9662TR Datasheet(PDF) 29 Page - STMicroelectronics

Part # L9662TR
Description  Octal squib driver and quad Manchester/PSI5 encoded sensor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9662TR Datasheet(HTML) 29 Page - STMicroelectronics

Back Button L9662TR Datasheet HTML 25Page - STMicroelectronics L9662TR Datasheet HTML 26Page - STMicroelectronics L9662TR Datasheet HTML 27Page - STMicroelectronics L9662TR Datasheet HTML 28Page - STMicroelectronics L9662TR Datasheet HTML 29Page - STMicroelectronics L9662TR Datasheet HTML 30Page - STMicroelectronics L9662TR Datasheet HTML 31Page - STMicroelectronics L9662TR Datasheet HTML 32Page - STMicroelectronics L9662TR Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 80 page
background image
DocID028325 Rev 1
29/80
L9662
Functional description
79
using a 3.3 to 5.0 volt supply. When chip select is asserted, both the SPI master and this
device shall latch input data on the rising edge of SCLK/SCLK_S. The ASIC shifts data out
on the falling edge of SCLK/SCLK_S.
Serial data output (MISO, MISO_S)
MISO/MISO_S output pins shall be in a tri-state condition when chip select is negated.
When chip select is asserted, the MSB is the first bit of the word/byte transmitted on
MISO/MISO_S and the LSB is the last bit of the word/byte transmitted. This pin supplies a
rail to rail output, so if interfaced to a microprocessor that is using a lower VDD supply, the
appropriate microprocessor input pin shall not sink more than IOH(min) and shall not clamp
the MISO/MISO_S output voltage to less than VOH(min) while MISO/MISO_S pin is in a
logic “1” state.
Serial data input (MOSI, MOSI_S)
MOSI/MOSI_S inputs take data from the master processor while chip select is asserted.
The MSB shall be the first bit of each word/byte received on MOSI/MOSI_S and the LSB
shall be the last bit of each word/byte received.
This pin has TTL level compatible input voltages allowing proper operation with
microprocessors using a 3.3 to 5.0 volt supply.
3.4
Squib drivers
3.4.1
Firing
The on-chip deployment drivers are designed to deliver 1.2 A (min) for 2 ms (min) and
1.75 A (min) for 1 ms (min) with VRESx voltages between 7 V and 37 V. In addition the
device can provide 1.5 A minimum for 2 ms for VRESx voltages between 7 V and 25 V. The
firing condition is selectable via the SPI. At the end of a deployment, a deploy success flag
is asserted and can be read using the appropriate SPI command. Each VRESx and GNDx
connection is used to accommodate 8 loops that can be deployed simultaneously.
Upon receiving a valid deployment condition, the respective SQHx and SQLx drivers are
turned on. The only other activation of the SQHx and SQLx drivers is momentarily during a
MOS diagnostic. Otherwise, SQHx and SQLx are inactive under any normal, fault, or
transient conditions. Upon a successful deployment of the respective SQHx and SQLx
drivers, a deploy command success flag is asserted via SPI. Refer to Figure 8 for the valid
conditions and the deploy success flag timing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com