Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9662TR Datasheet(PDF) 1 Page - STMicroelectronics

Part # L9662TR
Description  Octal squib driver and quad Manchester/PSI5 encoded sensor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9662TR Datasheet(HTML) 1 Page - STMicroelectronics

  L9662TR Datasheet HTML 1Page - STMicroelectronics L9662TR Datasheet HTML 2Page - STMicroelectronics L9662TR Datasheet HTML 3Page - STMicroelectronics L9662TR Datasheet HTML 4Page - STMicroelectronics L9662TR Datasheet HTML 5Page - STMicroelectronics L9662TR Datasheet HTML 6Page - STMicroelectronics L9662TR Datasheet HTML 7Page - STMicroelectronics L9662TR Datasheet HTML 8Page - STMicroelectronics L9662TR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 80 page
background image
This is information on a product in full production.
September 2015
DocID028325 Rev 1
1/80
L9662
Octal squib driver and quad Manchester/PSI5 encoded sensor
interface ASIC for safety application
Datasheet
- production data
Features
 8 deployment drivers with SPI selectable firing
current and times
 Capability to deploy the squib with 1.2 A
(min)/2 ms, 1.75 A (min)/1.0 ms and 1.75 A
(min)/0.65 ms between VRES of 7 V to 37 V
 Capability to deploy the squib with 1.5 A
(min)/2 ms between VRES of 7 V to 25 V
 Firing capability to deploy all channels
simultaneously
 Independently controlled high-side and low-
side MOS for diagnosis
 Analog output available for resistance
measurement
 Squib short to ground, short to battery and
MOS diagnostic available on SPI register
 Capability to deploy the squib the low side
MOS is shorted to ground
 4 Fire enable inputs
 Interface with 4 satellite sensors
 Programmable independent current trip points
for each satellite channel
 Support Manchester 1 or 2 protocol for satellite
sensors
 Support PSI5 (Parity) protocol for satellite
sensors (reference PSI5 technical specification
V 1.2 /14.06.07)
 Support for Sync pulse and minibus for satellites
 Supports for variable bit rate detection
 Independent current limit and fault timer
shutdown protection for each satellite output
 Short to ground and short to battery detection
and reporting for each satellite channel
 2 independent SPI interfaces
 5.5 MHz SPI interface
 Satellite message error detection
 Hall effect sensor support on satellite channels
3 and 4.
 Low voltage internal reset
 2 kV ESD capability on all pins
 Package: LQFP64
 Technology: ST Proprietary BCD5
Description
The device is intended to deploy up to 8 squibs
and to interface up to 4 satellites. 2 satellite
interfaces can be used to interface Hall sensors.
Squib drivers are sized to deploy 1.2 A minimum
for 2 ms, 1.75 A minimum for 1 ms and 1.75 A
minimum for 0.65 ms during load dump along with
1.5 A minimum for 2 ms for VRES voltages less
than 25 V.
Full diagnostic capabilities of the squib interface
are provided. Satellite interfaces support
Manchester 1, 2 and PSI5 decoding with variable
bit rate.
LQFP64 (10x10x1.4mm)
Table 1. Device summary
Order code
Amb. temp range,
C
Package
Packing
L9662
-40 to +85
LQFP64
Tray
L9662TR
Tape & Reel
www.st.com


Similar Part No. - L9662TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9660 STMICROELECTRONICS-L9660 Datasheet
625Kb / 49P
Quad squib driver ASIC for safety application
19-Sep-2013
L9660TR STMICROELECTRONICS-L9660TR Datasheet
625Kb / 49P
Quad squib driver ASIC for safety application
19-Sep-2013
L9663 STMICROELECTRONICS-L9663 Datasheet
1Mb / 104P
PSI5 Transceiver IC
19-Jan-2016
L9663 STMICROELECTRONICS-L9663 Datasheet
1Mb / 106P
Automotive PSI5 Transceiver IC
05-Apr-2024
L9663-1 STMICROELECTRONICS-L9663-1 Datasheet
1Mb / 104P
PSI5 Transceiver IC
19-Jan-2016
More results

Similar Description - L9662TR

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MMA52XXWR2 FREESCALE-MMA52XXWR2 Datasheet
1Mb / 61P
PSI5 Inertial Sensor
MMA51XXKW FREESCALE-MMA51XXKW Datasheet
1Mb / 55P
PSI5 Inertial Sensor
MMA52XXKW FREESCALE-MMA52XXKW Datasheet
1Mb / 55P
PSI5 Inertial Sensor
MMA52XXAKW FREESCALE-MMA52XXAKW Datasheet
472Kb / 35P
Xtrinsic MMA52xxAKW PSI5 Inertial Sensor
logo
STMicroelectronics
L9659 STMICROELECTRONICS-L9659 Datasheet
577Kb / 51P
Octal squib driver ASIC for safety application
19-Sep-2013
L9660 STMICROELECTRONICS-L9660 Datasheet
625Kb / 49P
Quad squib driver ASIC for safety application
19-Sep-2013
logo
NXP Semiconductors
MMA51XXL NXP-MMA51XXL Datasheet
897Kb / 59P
MMA51xxL, PSI5 Inertial Sensor
Rev. 5.0, 01/2017
logo
STMicroelectronics
L9654 STMICROELECTRONICS-L9654 Datasheet
2Mb / 59P
Quad squib driver and dual sensor interface ASIC for safety application
12-Nov-2013
logo
NXP Semiconductors
FXPS71407 NXP-FXPS71407 Datasheet
1Mb / 137P
DSI3 and PSI5 compatible absolute and relative pressure sensor
Rev. 3.4 - 29 November 2023
FXPS71407S NXP-FXPS71407S Datasheet
1Mb / 137P
DSI3 and PSI5 compatible absolute and relative pressure sensor
Rev. 1.4 - 29 November 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com