Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9662TR Datasheet(PDF) 45 Page - STMicroelectronics

Part # L9662TR
Description  Octal squib driver and quad Manchester/PSI5 encoded sensor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9662TR Datasheet(HTML) 45 Page - STMicroelectronics

Back Button L9662TR Datasheet HTML 41Page - STMicroelectronics L9662TR Datasheet HTML 42Page - STMicroelectronics L9662TR Datasheet HTML 43Page - STMicroelectronics L9662TR Datasheet HTML 44Page - STMicroelectronics L9662TR Datasheet HTML 45Page - STMicroelectronics L9662TR Datasheet HTML 46Page - STMicroelectronics L9662TR Datasheet HTML 47Page - STMicroelectronics L9662TR Datasheet HTML 48Page - STMicroelectronics L9662TR Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 80 page
background image
DocID028325 Rev 1
45/80
L9662
Functional description
79
TX – 0x5901 – ARM Channel 0
RX – 0x5901
TX – 0x5901 – ARM Channel 0
RX – 0x5901
TX – 0x6001 – Firing on Channel 0 is started on if FEN is active
RX – 0x5901
TX – 0x6001 – Command ignored – sequence is not allowed
RX – 0x6001
TX – 0x6001 – Command ignored
RX – 0xD005
Alternatively, if the sequence is broken the response shall be as in the following example
FENx active
TX – 0x5901 – ARM Channel 0
RX – Based on previous command
TX – 0x2000 – Read of Register Mode 1
RX – 0x5901
TX – 0x6001 – Command ignored – sequence is not allowed
RX – contents of register
TX – 0x6001 – Command ignored – sequence is not allowed
RX – 0xD005
If, for example, channel 0 and 1 bits are set in the Arm command and channel 0 and 7 bits
are set in the fire command then the result will be the drivers on channel 0 will be activated
(assuming FEN function is active) and there will be no effect on channel 7.
During a deployment, any commands directed to the channel that are in deployment are
ignored and the response shall be 0xD009.
Diagnostic commands
Diagnostic Mode 1
Diagnostic mode main functions are as follows:
Normal Squib Resistance Diagnostics
High Squib Resistance Diagnostics
Squib short to battery/ground diagnostics
Loop to loop diagnostics
High side safing diagnostics
VRESx measurement
LS and HS FET Test
The SPI message definition for MOSI commands and MISO responses in Diagnostic Mode
are defined below.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com