Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9662TR Datasheet(PDF) 49 Page - STMicroelectronics

Part # L9662TR
Description  Octal squib driver and quad Manchester/PSI5 encoded sensor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9662TR Datasheet(HTML) 49 Page - STMicroelectronics

Back Button L9662TR Datasheet HTML 45Page - STMicroelectronics L9662TR Datasheet HTML 46Page - STMicroelectronics L9662TR Datasheet HTML 47Page - STMicroelectronics L9662TR Datasheet HTML 48Page - STMicroelectronics L9662TR Datasheet HTML 49Page - STMicroelectronics L9662TR Datasheet HTML 50Page - STMicroelectronics L9662TR Datasheet HTML 51Page - STMicroelectronics L9662TR Datasheet HTML 52Page - STMicroelectronics L9662TR Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 80 page
background image
DocID028325 Rev 1
49/80
L9662
Functional description
79
resistance Diagnostics, High Squib Resistance
Diagnostics, HSS Diagnostic and VRESx Diagnostics
1 = IPD disabled on all channels
Bits D3
Bit used for resistance measurement amplifier calibration. Only valid
when squib resistance diagnostics is selected, otherwise this bit will be
ignored and a 0 will be reported in the response
0 = No calibration (Normal squib resistance measurements)
1 = Calibration
For bits D2:D0
The following table shall be used for channel selection.
Note:
Except for short to battery /ground diagnostics and loop to loop test the state of IPD (D4) will
not affect the test
Monitor commands
Monitor Mode 1
Monitor mode main information:
Deployment status
The SPI message definition for MOSI commands and MISO responses in Monitor Mode 1
are defined below.
Table 26. Channel selection
Channel
Bit D2
Bit D1
Bit D0
0
0
0
0
1
0
0
1
2
0
1
0
3
0
1
1
4
1
0
0
5
1
0
1
6
1
1
0
7
1
1
1
MSB
LSB
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
MOSI Command for Monitor Mode 1
1
1
P
0
0
0
0
DS
Channel Selection Status Request
MISO Response for Monitor Mode 1
1
1
P
0
0
0
0
DS
Channel Status



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com