Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9662TR Datasheet(PDF) 28 Page - STMicroelectronics

Part # L9662TR
Description  Octal squib driver and quad Manchester/PSI5 encoded sensor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9662TR Datasheet(HTML) 28 Page - STMicroelectronics

Back Button L9662TR Datasheet HTML 24Page - STMicroelectronics L9662TR Datasheet HTML 25Page - STMicroelectronics L9662TR Datasheet HTML 26Page - STMicroelectronics L9662TR Datasheet HTML 27Page - STMicroelectronics L9662TR Datasheet HTML 28Page - STMicroelectronics L9662TR Datasheet HTML 29Page - STMicroelectronics L9662TR Datasheet HTML 30Page - STMicroelectronics L9662TR Datasheet HTML 31Page - STMicroelectronics L9662TR Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 80 page
background image
Functional description
L9662
28/80
DocID028325 Rev 1
3.3
Serial peripheral interface (SPI)
The device contains 2 serial peripheral interfaces for control of the satellite and squib
functions. The 2 SPI interfaces are completely independent from each other and can be
accessed simultaneously. The following table shows the distribution of features that are
accessed/controlled for each of the SPIs
.
The software reset accessed over SPI1 will not only reset squib functions but all the satellite
functions. The device has a counter to verify the number of clocks in SCLK and SCLK_S.
L9662 computes SPI error length flag by counting the number of SCLK/SCLK_S rising
edges occurring when CS_D/CS_S is active. If the number of clocks in SCLK is not equal to
16 clocks while CS_D is asserted, it ignores the SPI message and sends a SPI fault
response. If the number of clocks in SCLK_S is not equal to 80 clocks while CS_S is
asserted it ignores the entire SPI message and a fault will be reported in the SR frame. The
MISO output on SPI1 shall hold the 16th bit’s state for SCLK rising edges greater than 16
when CS_D is active, similarly the MISO output on SPI2 shall hold the 80th bit’s state for
SCLK_S rising edges greater than 80 when CS_S is active.
3.3.1
SPI pin descriptions
Chip select (CS_D, CS_S)
Chip-select inputs select the device for serial transfers. CS_D or CS_S can be asserted at
any given time and are active low. Both CS_D and CS_S inputs can be selected
simultaneously. When chip-select is asserted, the respective MISO/MISO_S pin is released
from tri-state mode, and all status information is latched into the SPI shift register. While
chip-select is asserted, register data is shifted into MOSI/MOSI_S pin and shifted out of
MISO/MISO_S pin on each subsequent SCLK/ SCLK_S. When chip-select is negated,
MISO/MISO_S pin is tri-stated. To allow sufficient time to reload the registers chip-select pin
shall remain negated for at least tCSN. The chip-select inputs have current sinks which pull
these pins to the negated state when there is an open circuit condition. These pins have
TTL level compatible input voltages allowing proper operation with microprocessors using a
3.3 to 5.0 volt supply.
Serial clock (SCLK, SCLK_S)
SCLK/SCLK_S input is the clock signal input for synchronization of serial data transfer. This
pin has TTL level compatible input voltages allowing proper operation with microprocessors
Table 10. Features that are accessed/controlled for each of the SPIs
Type
Function
Pin names
Features accessed
SPI1
Squib diagnostic & deployment SPI
SCLK
MISO
MOSI
CS_D
All Squib Diagnostics
Squib related status
information Squib Arming
and Firing Software Reset
Component ID & Revision
SPI2
Satellite SPI
SCLK_S
MISO_S
MOSI_S
CS_S
Satellite Channel
Diagnostics
Satellite Communication
Data
Channel Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com