Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSM6DSM Datasheet(PDF) 68 Page - STMicroelectronics

Part # LSM6DSM
Description  always-on 3D accelerometer and 3D gyroscope
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSM Datasheet(HTML) 68 Page - STMicroelectronics

Back Button LSM6DSM Datasheet HTML 64Page - STMicroelectronics LSM6DSM Datasheet HTML 65Page - STMicroelectronics LSM6DSM Datasheet HTML 66Page - STMicroelectronics LSM6DSM Datasheet HTML 67Page - STMicroelectronics LSM6DSM Datasheet HTML 68Page - STMicroelectronics LSM6DSM Datasheet HTML 69Page - STMicroelectronics LSM6DSM Datasheet HTML 70Page - STMicroelectronics LSM6DSM Datasheet HTML 71Page - STMicroelectronics LSM6DSM Datasheet HTML 72Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 113 page
background image
Register description
LSM6DSM
68/113
DocID028165 Rev 2
10.22
CTRL10_C (19h)
Control register 10 (r/w).
10.23
MASTER_CONFIG (1Ah)
Master configuration register (r/w).
Table 74. CTRL10_C register
0(1)
1. This bit must be set to ‘0’ for the correct operation of the device.
0(1)
TIMER_
EN
PEDO_
EN
TILT_
EN
FUNC_EN
PEDO_RST
_STEP
SIGN_
MOTION_EN
Table 75. CTRL10_C register description
TIMER_EN
Enable timestamp count. The count is saved in TIMESTAMP0_REG (40h),
TIMESTAMP1_REG (41h) and TIMESTAMP2_REG (42h). Default: 0
(0: timestamp count disabled; 1: timestamp count enabled)
PEDO_EN
Enable pedometer algorithm(1). Default value: 0
(0: pedometer algorithm disabled;
1: pedometer algorithm enabled)
1. This is effective if FUNC_EN bit set to '1'.
TILT_EN
Enable tilt calculation(1).
FUNC_EN
Enable embedded functionalities (pedometer, tilt, significant motion, sensor
hub and ironing). Default value: 0
(0: disable functionalities of embedded functions and accelerometer filters;
1: enable functionalities of embedded functions and accelerometer filters)
PEDO_RST_
STEP
Reset pedometer step counter. Default value: 0
(0: disabled; 1: enabled)
SIGN_MOTION_EN
Enable significant motion function(1). Default value: 0
(0: disabled; 1: enabled)
Table 76. MASTER_CONFIG register
DRDY_ON
_INT1
DATA_VALID
_SEL_FIFO
0(1)
1. This bit must be set to ‘0’ for the correct operation of the device.
START_
CONFIG
PULL_UP
_EN
PASS_
THROUGH
_MODE
IRON_EN
MASTER_
ON
Table 77. MASTER_CONFIG register description
DRDY_ON_
INT1
Manage the Master DRDY signal on INT1 pad. Default: 0
(0: disable Master DRDY on INT1; 1: enable Master DRDY on INT1)
DATA_VALID_
SEL_FIFO
Selection of FIFO data-valid signal. Default value: 0
(0: data-valid signal used to write data in FIFO is the XL/Gyro data-ready or step
detection(1);
1: data-valid signal used to write data in FIFO is the sensor hub data-ready)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com