Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSM6DSM Datasheet(PDF) 92 Page - STMicroelectronics

Part # LSM6DSM
Description  always-on 3D accelerometer and 3D gyroscope
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSM Datasheet(HTML) 92 Page - STMicroelectronics

Back Button LSM6DSM Datasheet HTML 88Page - STMicroelectronics LSM6DSM Datasheet HTML 89Page - STMicroelectronics LSM6DSM Datasheet HTML 90Page - STMicroelectronics LSM6DSM Datasheet HTML 91Page - STMicroelectronics LSM6DSM Datasheet HTML 92Page - STMicroelectronics LSM6DSM Datasheet HTML 93Page - STMicroelectronics LSM6DSM Datasheet HTML 94Page - STMicroelectronics LSM6DSM Datasheet HTML 95Page - STMicroelectronics LSM6DSM Datasheet HTML 96Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 113 page
background image
Register description
LSM6DSM
92/113
DocID028165 Rev 2
10.90
CTRL_OIS (70h)
Only SPI2 can write to this register (r/w).
DEN mode selection can be done using the LVL1_OIS bit of register CTRL_OIS (70h) and
the LVL2_OIS bit of register INT_OIS (6Fh).
DEN mode on the OIS path is active in the gyroscope only.
Table 215. CTRL_OIS register
BLE_
OIS
LVL1_
OIS
SIM_
OIS
OIS_XL
_EN
FS1_G_
OIS
FS0_G_
OIS
FS_125_
OIS
OIS_EN_
SPI2
Table 216. CTRL_OIS register description
BLE_OIS
Big/Little Endian data selection. Default value: 0
(0: output LSbyte at lower register address;
1: output LSbyte at higher register address)
LVL1_OIS
Enables level-sensitive trigger mode on OIS chain. Default value: 0
SIM_OIS
SPI1 3- or 4-wire mode. Default value: 0
(0: 4-wire SPI1; 1: 3-wire SPI1)
OIS_XL_EN
Enable accelerometer OIS chain. Default value: 0
(0: disable; 1: enable)
FS[1:0]_
G_OIS
Gyroscope OIS chain full-scale selection.
(00: 245 dps;
01: 500 dps;
10: 1000 dps;
11: 2000 dps)
FS_125
_OIS
Selects gyroscope’s UI chain full scale 125 dps
(0: FS selected through bits FS[1:0]_OIS_G;
1 = 125 dps)
OIS_EN_
SPI2
Enables OIS chain data processing.
When the OIS chain is enabled, the OIS outputs are available through the SPI2 in
registers 22h-27h and 1Eh register, and LPF1 is dedicated to this chain.
Table 217. DEN mode selection
LVL1_OIS, LVL2_OIS
DEN mode
10
Level-sensitive trigger mode is selected
11
Level-sensitive latched mode is selected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com