Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSM6DSM Datasheet(PDF) 93 Page - STMicroelectronics

Part # LSM6DSM
Description  always-on 3D accelerometer and 3D gyroscope
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSM Datasheet(HTML) 93 Page - STMicroelectronics

Back Button LSM6DSM Datasheet HTML 89Page - STMicroelectronics LSM6DSM Datasheet HTML 90Page - STMicroelectronics LSM6DSM Datasheet HTML 91Page - STMicroelectronics LSM6DSM Datasheet HTML 92Page - STMicroelectronics LSM6DSM Datasheet HTML 93Page - STMicroelectronics LSM6DSM Datasheet HTML 94Page - STMicroelectronics LSM6DSM Datasheet HTML 95Page - STMicroelectronics LSM6DSM Datasheet HTML 96Page - STMicroelectronics LSM6DSM Datasheet HTML 97Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 113 page
background image
DocID028165 Rev 2
93/113
LSM6DSM
Register description
113
10.91
CTRL2_OIS (71h)
Only SPI2 can write to this register (r/w).
Sampling data with frequency equal or higher to 3.3 kHz is recommended.
If data is down-sampled @ 1 kHz, it is recommended to use a cutoff @ 173 Hz.
If data is down-sampled @ 2 kHz, it is recommended to use a cutoff @ 237 Hz.
Table 218. CTRL2_OIS register
0(1)
1. This bit must be set to '0' for the correct operation of the device.
0(1)
HPM1_
OIS
HPM0_
OIS
0(1)
FTYPE_1_
OIS
FTYPE_0_
OIS
HP_EN_
OIS
Table 219. CTRL2_OIS register description
HPM[1:0]_OIS
Gyroscope's OIS chain digital high-pass filter cutoff selection. Default value: 00
(00: 16 mHz;
01: 65 mHz;
10: 260 mHz;
11: 1.04 Hz)
FTYPE_[1:0]_OIS
Gyroscope's digital LPF1 filter bandwidth selection
Table 220 shows cutoff and phase values obtained with all configurations
HP_EN_OIS
Enables gyroscope's OIS chain HPF. This filter is available on the OIS chain
only if HP_EN_G in CTRL7_G (16h) is set to '0'(1).
1. HP_EN_OIS is active to select HPF on the auxiliary SPI chain only if HPF is not already used in the
primary interface.
Table 220. Gyroscope OIS chain LPF1 bandwidth selection
FTYPE_[1:0]_OIS
ODR = 6.6 kHz
BW
Phase delay @ 20 Hz
00
351 Hz
01
237 Hz
10
173 Hz
11°
11
937 Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com