Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSM6DSM Datasheet(PDF) 50 Page - STMicroelectronics

Part # LSM6DSM
Description  always-on 3D accelerometer and 3D gyroscope
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSM Datasheet(HTML) 50 Page - STMicroelectronics

Back Button LSM6DSM Datasheet HTML 46Page - STMicroelectronics LSM6DSM Datasheet HTML 47Page - STMicroelectronics LSM6DSM Datasheet HTML 48Page - STMicroelectronics LSM6DSM Datasheet HTML 49Page - STMicroelectronics LSM6DSM Datasheet HTML 50Page - STMicroelectronics LSM6DSM Datasheet HTML 51Page - STMicroelectronics LSM6DSM Datasheet HTML 52Page - STMicroelectronics LSM6DSM Datasheet HTML 53Page - STMicroelectronics LSM6DSM Datasheet HTML 54Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 113 page
background image
Register mapping
LSM6DSM
50/113
DocID028165 Rev 2
MASTER_CONFIG
r/w
1A
00011010
00000000
I2C master
configuration register
WAKE_UP_SRC
r
1B
00011011
output
Interrupt registers
TAP_SRC
r
1C
00011100
output
D6D_SRC
r
1D
00011101
output
STATUS_REG(1)/
STATUS_SPIAux(2)
r
1E
00011110
output
Status data register for
user interface and OIS
data
RESERVED
-
1F
00011111
-
OUT_TEMP_L
r
20
00100000
output
Temperature output
data registers
OUT_TEMP_H
r
21
00100001
output
OUTX_L_G
r
22
00100010
output
Gyroscope output
registers for user
interface and OIS data
OUTX_H_G
r
23
00100011
output
OUTY_L_G
r
24
00100100
output
OUTY_H_G
r
25
00100101
output
OUTZ_L_G
r
26
00100110
output
OUTZ_H_G
r
27
00100111
output
OUTX_L_XL
r
28
00101000
output
Accelerometer output
registers
OUTX_H_XL
r
29
00101001
output
OUTY_L_XL
r
2A
00101010
output
OUTY_H_XL
r
2B
00101011
output
OUTZ_L_XL
r
2C
00101100
output
OUTZ_H_XL
r
2D
00101101
output
SENSORHUB1_REG
r
2E
00101110
output
Sensor hub output
registers
SENSORHUB2_REG
r
2F
00101111
output
SENSORHUB3_REG
r
30
00110000
output
SENSORHUB4_REG
r
31
00110001
output
SENSORHUB5_REG
r
32
00110010
output
SENSORHUB6_REG
r
33
00110011
output
SENSORHUB7_REG
r
34
00110100
output
SENSORHUB8_REG
r
35
00110101
output
SENSORHUB9_REG
r
36
00110110
output
SENSORHUB10_REG
r
37
00110111
output
SENSORHUB11_REG
r
38
00111000
output
SENSORHUB12_REG
r
39
00111001
output
Table 18. Registers address map (continued)
Name
Type
Register address
Default
Comment
Hex
Binary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com