Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSM6DSM Datasheet(PDF) 91 Page - STMicroelectronics

Part # LSM6DSM
Description  always-on 3D accelerometer and 3D gyroscope
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSM Datasheet(HTML) 91 Page - STMicroelectronics

Back Button LSM6DSM Datasheet HTML 87Page - STMicroelectronics LSM6DSM Datasheet HTML 88Page - STMicroelectronics LSM6DSM Datasheet HTML 89Page - STMicroelectronics LSM6DSM Datasheet HTML 90Page - STMicroelectronics LSM6DSM Datasheet HTML 91Page - STMicroelectronics LSM6DSM Datasheet HTML 92Page - STMicroelectronics LSM6DSM Datasheet HTML 93Page - STMicroelectronics LSM6DSM Datasheet HTML 94Page - STMicroelectronics LSM6DSM Datasheet HTML 95Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 113 page
background image
DocID028165 Rev 2
91/113
LSM6DSM
Register description
113
10.86
OUT_MAG_RAW_Y_H (69h)
External magnetometer raw data (r).
10.87
OUT_MAG_RAW_Z_L (6Ah)
External magnetometer raw data (r).
10.88
OUT_MAG_RAW_Z_H (6Bh)
External magnetometer raw data (r).
10.89
INT_OIS (6Fh)
Table 207. OUT_MAG_RAW_Y_H register
D15
D14
D13
D12
D11
D10
D9
D8
Table 208. OUT_MAG_RAW_Y_H register description
D[15:8]
Y-axis external magnetometer value (MSbyte)
Table 209. OUT_MAG_RAW_Z_L register
D7
D6
D5
D4
D3
D2
D1
D0
Table 210. OUT_MAG_RAW_Z_L register description
D[7:0]
Z-axis external magnetometer value (LSbyte)
Table 211. OUT_MAG_RAW_Z_H register
D15
D14
D13
D12
D11
D10
D9
D8
Table 212. OUT_MAG_RAW_Z_H register description
D[15:8]
Z-axis external magnetometer value (MSbyte)
Table 213. INT_OIS register
INT2_DRDY
_OIS
LVL2_
OIS
-
-
--
-
-
Table 214. INT_OIS register description
INT2_DRDY_OIS
Enables the OIS chain DRDY on the INT2 pad. This setting has priority over all
other INT2 settings.
LVL2_OIS
Enables level-sensitive latched mode on the OIS chain.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com