Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSM6DSM Datasheet(PDF) 15 Page - STMicroelectronics

Part # LSM6DSM
Description  always-on 3D accelerometer and 3D gyroscope
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSM Datasheet(HTML) 15 Page - STMicroelectronics

Back Button LSM6DSM Datasheet HTML 11Page - STMicroelectronics LSM6DSM Datasheet HTML 12Page - STMicroelectronics LSM6DSM Datasheet HTML 13Page - STMicroelectronics LSM6DSM Datasheet HTML 14Page - STMicroelectronics LSM6DSM Datasheet HTML 15Page - STMicroelectronics LSM6DSM Datasheet HTML 16Page - STMicroelectronics LSM6DSM Datasheet HTML 17Page - STMicroelectronics LSM6DSM Datasheet HTML 18Page - STMicroelectronics LSM6DSM Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 113 page
background image
DocID028165 Rev 2
15/113
LSM6DSM
Overview
113
1
Overview
The LSM6DSM is a system-in-package featuring a high-performance 3-axis digital
accelerometer and 3-axis digital gyroscope.
The integrated power-efficient modes are able to reduce the power consumption down to
0.65 mA in high-performance mode, combining always-on low-power features with superior
sensing precision for an optimal motion experience for the consumer thanks to ultra-low
noise performance for both the gyroscope and accelerometer.
The LSM6DSM delivers best-in-class motion sensing that can detect orientation and
gestures in order to empower application developers and consumers with features and
capabilities that are more sophisticated than simply orienting their devices to portrait and
landscape mode.
The event-detection interrupts enable efficient and reliable motion tracking and contextual
awareness, implementing hardware recognition of free-fall events, 6D orientation, click and
double-click sensing, activity or inactivity, and wakeup events.
The LSM6DSM supports main OS requirements, offering real, virtual and batch mode
sensors. In addition, the LSM6DSM can efficiently run the sensor-related features specified
in Android, saving power and enabling faster reaction time. In particular, the LSM6DSM has
been designed to implement hardware features such as significant motion, tilt, pedometer
functions, timestamping and to support the data acquisition of an external magnetometer
with ironing correction (hard, soft).
The LSM6DSM offers hardware flexibility to connect the pins with different mode
connections to external sensors to expand functionalities such as adding a sensor hub,
auxiliary SPI, etc.
Up to 4 kbyte of FIFO with dynamic allocation of significant data (i.e. external sensors,
timestamp, etc.) allows overall power saving of the system.
The LSM6DSM gyroscope fully supports OIS/EIS applications. The module can output OIS
data through a dedicated auxiliary SPI and includes a dedicated configurable signal
processing path for OIS. OIS data can be sent directly to the application processor for data
processing. The gyroscope UI signal processing path is completely independent from that of
the OIS and is readable through FIFO.
Like the entire portfolio of MEMS sensor modules, the LSM6DSM leverages the robust and
mature in-house manufacturing processes already used for the production of
micromachined accelerometers and gyroscopes. The various sensing elements are
manufactured using specialized micromachining processes, while the IC interfaces are
developed using CMOS technology that allows the design of a dedicated circuit which is
trimmed to better match the characteristics of the sensing element.
The LSM6DSM is available in a small plastic land grid array (LGA) package of
2.5 x 3.0 x 0.83 mm to address ultra-compact solutions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com