Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSM6DSM Datasheet(PDF) 103 Page - STMicroelectronics

Part # LSM6DSM
Description  always-on 3D accelerometer and 3D gyroscope
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSM Datasheet(HTML) 103 Page - STMicroelectronics

Back Button LSM6DSM Datasheet HTML 99Page - STMicroelectronics LSM6DSM Datasheet HTML 100Page - STMicroelectronics LSM6DSM Datasheet HTML 101Page - STMicroelectronics LSM6DSM Datasheet HTML 102Page - STMicroelectronics LSM6DSM Datasheet HTML 103Page - STMicroelectronics LSM6DSM Datasheet HTML 104Page - STMicroelectronics LSM6DSM Datasheet HTML 105Page - STMicroelectronics LSM6DSM Datasheet HTML 106Page - STMicroelectronics LSM6DSM Datasheet HTML 107Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 113 page
background image
DocID028165 Rev 2
103/113
LSM6DSM
Embedded functions registers description
113
12.15
SM_THS (13h)
Significant motion configuration register (r/w).
12.16
PEDO_DEB_REG (14h)
12.17
STEP_COUNT_DELTA (15h)
Time period register for step detection on delta time (r/w).
Table 260. SM_THS register
SM_THS_
7
SM_THS_
6
SM_THS_
5
SM_THS_
4
SM_THS_
3
SM_THS_
2
SM_THS_
1
SM_THS_
0
Table 261. SM_THS register description
SM_THS[7:0]
Significant motion threshold. Default value: 00000110
Table 262. PEDO_DEB_REG register
DEB_
TIME4
DEB_
TIME3
DEB_
TIME2
DEB_
TIME1
DEB_
TIME0
DEB_
STEP2
DEB_
STEP1
DEB_
STEP0
Table 263. PEDO_DEB_REG register description
DEB_ TIME[4:0]
Debounce time. If the time between two consecutive steps is greater than
DEB_TIME*80ms, the debouncer is reactivated. Default value: 01101
DEB_ STEP[2:0]
Debounce threshold. Minimum number of steps to increment step counter
(debounce). Default value: 110
Table 264. STEP_COUNT_DELTA register
SC_
DELTA_7
SC_
DELTA_6
SC_
DELTA_5
SC_
DELTA_4
SC_
DELTA_3
SC_
DELTA_2
SC_
DELTA_1
SC_
DELTA_0
Table 265. STEP_COUNT_DELTA register description
SC_DELTA[7:0]
Time period value(1) (1LSB = 1.6384 s)
1. This value is effective if the TIMER_EN bit of CTRL10_C (19h) is set to 1 and the TIMER_HR bit of
WAKE_UP_DUR (5Ch) is set to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com