Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STWBC Datasheet(PDF) 1 Page - STMicroelectronics

Part # STWBC
Description  Digital controller for wireless battery charger
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STWBC Datasheet(HTML) 1 Page - STMicroelectronics

  STWBC Datasheet HTML 1Page - STMicroelectronics STWBC Datasheet HTML 2Page - STMicroelectronics STWBC Datasheet HTML 3Page - STMicroelectronics STWBC Datasheet HTML 4Page - STMicroelectronics STWBC Datasheet HTML 5Page - STMicroelectronics STWBC Datasheet HTML 6Page - STMicroelectronics STWBC Datasheet HTML 7Page - STMicroelectronics STWBC Datasheet HTML 8Page - STMicroelectronics STWBC Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
This is information on a product in full production.
February 2015
DocID027322 Rev 3
1/36
STWBC
Digital controller for wireless battery charger (WBC) transmitters Qi
1.1.2 A11 certified, PMA compatible
Datasheet
- production data
Features
 Digital controller for wireless battery charger
transmitter
 Multiple Qi certified and PMA standard
compatible
 Support for up to 5 W applications
– Mobile
– Wearable, sports gear, medical
– Remote controllers
 Native support to half-bridge and full bridge
topologies
 5 V supply voltage
 2 firmware options
– Turnkey solution for quick design
– APIs available for application
customization(a)
 Peripherals available via APIs(a)
– ADC with 10 bit precision and 1 M
 input
impedance
–UART
–I2C master fast/slow speed rate
–GPIOs
 Memory
– Flash and E2PROM with read-while-write
(RWW) and error correction code (ECC)
– Program memory: 32 KBytes Flash; data
retention 15 years at 85
°C after 10 kcycles
at 25
°C
– Data memory: 1 KByte true data E2PROM;
data retention:15 years at 85
°C after 100
kcycles at 85
°C
– RAM: 6 KBytes
 Reference design features
– 2 layers PCBs
– Active object detection
– Graphical user interface for application
monitoring
– Evaluation boards
 Operating temperature: -40
°C up to 105 °C
 Package: VFQFPN32
Applications
 Certified Qi A11
– Evaluation board: STEVAL-ISB027V1
– Power rate: 5W
– Input: 5V
 Qi A13(a)
– Power rate: 5 W
– Input: 5 - 16 V, 12 V
 Wearable(a)
– Power rate: 2 W
– Input: 5 V
 PMA(a)
– power rate: 5 W
– input: 5 V
a. Contact local sale representative for further details:
see www.st.com.
VFQFPN32
www.st.com


Similar Part No. - STWBC

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STWBC-EP STMICROELECTRONICS-STWBC-EP Datasheet
715Kb / 32P
Digital controller for wireless battery chargers transmitters for Qi 15 W applications
10-Oct-2017
STWBC-EP STMICROELECTRONICS-STWBC-EP Datasheet
2Mb / 4P
Qi MP-A15 15W wireless charger TX evaluation kit based on STWBC-EP
May 2019
STWBC-EPTR STMICROELECTRONICS-STWBC-EPTR Datasheet
715Kb / 32P
Digital controller for wireless battery chargers transmitters for Qi 15 W applications
10-Oct-2017
STWBC-MC STMICROELECTRONICS-STWBC-MC Datasheet
720Kb / 4P
Qi certified 3-coil 15 W wireless charger TX evaluation kit based on STWBC-MC
06-Feb-2019
STWBC-WA STMICROELECTRONICS-STWBC-WA Datasheet
751Kb / 7P
2.5 W wireless charger transmitter evaluation kit
18-Apr-2018
More results

Similar Description - STWBC

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M62254FP MITSUBISHI-M62254FP Datasheet
68Kb / 6P
Standard Battery Charger Controller
logo
Linear Technology
LTC4100 LINER-LTC4100 Datasheet
251Kb / 24P
Smart Battery Charger Controller
logo
Renesas Technology Corp
M62254FP RENESAS-M62254FP Datasheet
233Kb / 12P
Standard Battery Charger Controller
logo
Linear Technology
LTC4100 LINER-LTC4100_09 Datasheet
252Kb / 30P
Smart Battery Charger Controller
logo
Silicon Standard Corp.
SS6781A SSC-SS6781A Datasheet
844Kb / 18P
Battery Charger Controller
logo
ATMEL Corporation
AT73C214 ATMEL-AT73C214 Datasheet
118Kb / 5P
Power Management and Battery Charger for Wireless Devices
logo
Linear Technology
LTC4101 LINER-LTC4101_15 Datasheet
260Kb / 30P
Smart Battery Charger Controller
logo
Texas Instruments
BQ24702 TI1-BQ24702_16 Datasheet
886Kb / 37P
MULTICHEMISTRY BATTERY CHARGER CONTROLLER
logo
STMicroelectronics
STWBC-EP STMICROELECTRONICS-STWBC-EP Datasheet
715Kb / 32P
Digital controller for wireless battery chargers transmitters for Qi 15 W applications
10-Oct-2017
STWBC2-HP STMICROELECTRONICS-STWBC2-HP Datasheet
5Mb / 96P
Digital controller for wireless battery charger transmitters
14-Sep-2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com