Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STWBC Datasheet(PDF) 21 Page - STMicroelectronics

Part # STWBC
Description  Digital controller for wireless battery charger
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STWBC Datasheet(HTML) 21 Page - STMicroelectronics

Back Button STWBC Datasheet HTML 17Page - STMicroelectronics STWBC Datasheet HTML 18Page - STMicroelectronics STWBC Datasheet HTML 19Page - STMicroelectronics STWBC Datasheet HTML 20Page - STMicroelectronics STWBC Datasheet HTML 21Page - STMicroelectronics STWBC Datasheet HTML 22Page - STMicroelectronics STWBC Datasheet HTML 23Page - STMicroelectronics STWBC Datasheet HTML 24Page - STMicroelectronics STWBC Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
DocID027322 Rev 3
21/36
STWBC
Electrical characteristics
36
5.3.4
I/O port pin characteristics
The I/O port pin parameters are specified under general operating conditions for VDD and TA
unless otherwise specified. Unused input pins should not be left floating.
Table 11. Voltage DC characteristics
Symbol
Description
Min.(1)
Typ.
Max.(1)
Unit
VIL
Input low voltage
-0.3
0.3 * VDD
V
VIH
Input high voltage(2)
0.7 * VDD
VDD
VOL1
Output low voltage at 3.3 V(3)
0.4(4)
VOL2
Output low voltage at 5 V(3)
0.5
VOL3
Output low voltage high sink at 3.3 V / 5 V(2),(5), (6)
0.6(4)
VOH1
Output high voltage at 3.3 V(3)
VDD - 0.4(4)
VOH2
Output high voltage at 5 V(3)
VDD - 0.5
VOH3
Output high voltage high sink at 3.3 V / 5 V(2), (5), (6)
VDD - 0.6(4)
HVS
Hysteresis input voltage(7)
0.1 * VDD
RPU
Pull-up resistor
30
45
60
k
1. Data based on characterization result, not tested in production.
2. All signals are not 5 V tolerant (input signals can't be exceeded VDDX (VDDX = VDD, VDDA).
3. Parameter applicable to signals: GPIO_[0:2], DRIVEOUT[0:3], PWM_AUX.
4. Electrical threshold voltage not yet characterized at -40 ºC.
5. Parameter applicable to signal: SWIM.
6. Parameter applicable to signal: DIGIN [0].
7. Applicable to any digital inputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com