Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STWBC Datasheet(PDF) 17 Page - STMicroelectronics

Part # STWBC
Description  Digital controller for wireless battery charger
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STWBC Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STWBC Datasheet HTML 13Page - STMicroelectronics STWBC Datasheet HTML 14Page - STMicroelectronics STWBC Datasheet HTML 15Page - STMicroelectronics STWBC Datasheet HTML 16Page - STMicroelectronics STWBC Datasheet HTML 17Page - STMicroelectronics STWBC Datasheet HTML 18Page - STMicroelectronics STWBC Datasheet HTML 19Page - STMicroelectronics STWBC Datasheet HTML 20Page - STMicroelectronics STWBC Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 36 page
background image
DocID027322 Rev 3
17/36
STWBC
Electrical characteristics
36
5.3
Operating conditions
The device must be used in operating conditions that respect the parameters in Table 5. In
addition, a full account must be taken for all physical capacitor characteristics and
tolerances.
Table 5. General operating conditions
Symbol
Parameter
Conditions
Min.
Typ.
Max. Unit
VDD1, VDDA1 Operating voltages
3(1)
1. The external power supply can be within range from 3 V up to 5.5 V.
5.5(1)
V
VDD, VDDA Nominal operating voltages
3.3(1)
5(1)
VOUT
Core digital power supply
1.8(2)
2. Internal core power supply voltage.
CVOUT: capacitance of external
capacitor(3)
3. Care should be taken when the capacitor is selected due to its tolerance, its dependency on temperature,
DC bias and frequency.
at 1 MHz
470
3300
nF
ESR of external capacitor(2)
0.05
0.2
ESL of external capacitor(2)
JA(4)
4. To calculate PDmax (TA), use the formula PDmax = (TJmax - TA)/JA.
FR4 multilayer PCB
VFQFPN32
26
°C/W
TA
Ambient temperature
Pd = 100 mW
-40
105
°C
Table 6. Operating conditions at power-up/power-down
Symbol
Parameter
Conditions
Min.(1)
1. Guaranteed by design, not tested in production.
Typ. Max.(2)
2. Power supply ramp must be monotone.
Unit
tTEMP
Reset release delay
VDD rising
3
ms
VIT+
Power-on reset threshold
2.65
2.8
2.98
V
VIT-
Brownout reset threshold
2.58
2.73
2.88



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com