Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STWBC Datasheet(PDF) 29 Page - STMicroelectronics

Part # STWBC
Description  Digital controller for wireless battery charger
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STWBC Datasheet(HTML) 29 Page - STMicroelectronics

Back Button STWBC Datasheet HTML 25Page - STMicroelectronics STWBC Datasheet HTML 26Page - STMicroelectronics STWBC Datasheet HTML 27Page - STMicroelectronics STWBC Datasheet HTML 28Page - STMicroelectronics STWBC Datasheet HTML 29Page - STMicroelectronics STWBC Datasheet HTML 30Page - STMicroelectronics STWBC Datasheet HTML 31Page - STMicroelectronics STWBC Datasheet HTML 32Page - STMicroelectronics STWBC Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 36 page
background image
DocID027322 Rev 3
29/36
STWBC
Electrical characteristics
36
ADC accuracy characteristics at VDD/VDDA 5 V
Table 17. ADC accuracy characteristics at VDD/VDDA 5 V
Symbol
Parameter
Typ.(1)
1. Temperature operating: TA= 25 °C.
Min.(2)
2. Data based on characterization results, not tested in production.
Max.(2)
Unit
|ET|
Total unadjusted error(3) (4), (5)
3. ADC accuracy vs. negative injection current. Injecting negative current on any of the analog input pins
should be avoided as this reduces the accuracy of the conversion being performed on another analog
input. It is recommended a Schottky diode (pin to ground) to be to added to standard analog pins which
may potentially inject negative current. Any positive injection current within the limits specified for IINJ(PIN)
and
IINJ(PIN) in the I/O port pin characteristic section does not affect the ADC accuracy. The ADC accuracy
parameters may be also impacted exceeding the ADC maximum input voltage VIN1 or VIN2.
4. Results in manufacturing test mode.
5. Data aligned with trimming voltage parameters.
TBD
LSB
|EO|
Offset error(3), (4), (5)
0.5
|EG|
Gain error(3), (4), (5), (6)
6. Gain error evaluation with two point method.
0.4
EO+G
Offset + gain error(6), (7)
7. Temperature operating range: 0 ºC
 TA  85 ºC.
-8.3
8.9
EO+G
Offset + gain error(6), (8)
8. Temperature operating range: -25 ºC
 TA  105 ºC.
-10.9
10.9
EO+G
Offset + gain error(6), (9)
9. Temperature operating range: -40 ºC
 TA  105 ºC. 11.
-13.8
10.9
|ED|
Differential linearity error(1), (2), (3)
0.8
|EL|
Integral linearity error(3), (4), (5)
2.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com