Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STWBC Datasheet(PDF) 11 Page - STMicroelectronics

Part # STWBC
Description  Digital controller for wireless battery charger
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STWBC Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STWBC Datasheet HTML 7Page - STMicroelectronics STWBC Datasheet HTML 8Page - STMicroelectronics STWBC Datasheet HTML 9Page - STMicroelectronics STWBC Datasheet HTML 10Page - STMicroelectronics STWBC Datasheet HTML 11Page - STMicroelectronics STWBC Datasheet HTML 12Page - STMicroelectronics STWBC Datasheet HTML 13Page - STMicroelectronics STWBC Datasheet HTML 14Page - STMicroelectronics STWBC Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
DocID027322 Rev 3
11/36
STWBC
Pinout and pin description
36
4.2
Pin description
Table 1. Pinout description
Pin no.
Pin name
Pin type
API firmware description
Bin firmware description
1UART_RX(1)
DI
UART RX link
UART RX link
2PWM_AUX/GPIO_2(1)
DO
PWM output or GPO
Not used, must not be connected
to any potential
3
I2C_SDA/DIGIN [4](1)
I2C_SDA / digital input 4
inactive (internal pull-up)
4
I2C_SCL/DIGIN [5](1)
I2C_SCL / digital input 5
inactive (internal pull-up)
5
DRIVEOUT [3]
DO
Output driver for low-side branch
right
Output driver for low-side branch
right
6GPIO_0(1)
DO
Digital output for the green light
indicator / general purpose I/O
Digital output for the green light
indicator
7GPIO_1(1)
DO
Digital output for the red light
indicator / general purpose I/O
Digital output for the red light
indicator
8
CPP_INT_3
AI
Symbol detector
Symbol detector
9
CPP_INT_2
AI
Vmain monitor
Vmain monitor
10
CPP_REF
AI
External reference for CPP_INT_3
(if not used, must be tied to GND)
External reference for CPP_INT_3
(if not used, must be tied to GND)
11
CPP_INT_1
AI
Symbol detector
Symbol detector
12
CPP_INT_0
AI
Symbol detector
Symbol detector
13
VDDA
PS
Analog power supply
Analog power supply
14
VSSA
PS
Analog ground
Analog ground
15
TANK_VOLTAGE
AI
LC tank voltage probe
LC tank voltage probe
16
VBRIDGE
Inactive (to be tied to GND)
Inactive (to be tied to GND)
17
SPARE_ADC(1)
Spare analog input (to be tied to
GND if not used)
Spare analog input (to be tied to
GND)
18
NTC_TEMP
AI
NTC temperature measurement.
NTC temperature measurement.
19
ISENSE
AI
LC tank current measurement
LC tank current measurement
20
VMAIN
AI
Vmain monitor
Vmain monitor
21
DRIVEOUT [0]
DO
Output driver for low-side branch
left
Output driver for low-side branch
left
22
DIGIN [0](1)
Digital input 0
Inactive (internal pull-up)
23
DIGIN [1](1)
Digital input 1
Inactive (internal pull-up)
24
DRIVEOUT [1]
DO
Output driver for high-side branch
left
Output driver for high-side branch
left
25
DRIVEOUT [2]
DO
Output driver for high-side branch
right
Output driver for high-side branch
right
26
DIGIN [2](1)
Digital input 2
Inactive (internal pull-up)
27
SWIM
DIO
Debug interface
Debug interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com