Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STWBC Datasheet(PDF) 27 Page - STMicroelectronics

Part # STWBC
Description  Digital controller for wireless battery charger
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STWBC Datasheet(HTML) 27 Page - STMicroelectronics

Back Button STWBC Datasheet HTML 23Page - STMicroelectronics STWBC Datasheet HTML 24Page - STMicroelectronics STWBC Datasheet HTML 25Page - STMicroelectronics STWBC Datasheet HTML 26Page - STMicroelectronics STWBC Datasheet HTML 27Page - STMicroelectronics STWBC Datasheet HTML 28Page - STMicroelectronics STWBC Datasheet HTML 29Page - STMicroelectronics STWBC Datasheet HTML 30Page - STMicroelectronics STWBC Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 36 page
background image
DocID027322 Rev 3
27/36
STWBC
Electrical characteristics
36
5.3.7
Reset pin characteristics
The reset pin parameters are specified under general operating conditions for VDD and TA
unless otherwise specified.
5.3.8
I2C interface characteristics
Table 13. NRST pin characteristics
Symbol
Parameter
Conditions
Min.(1)
Typ.
Max.(1)
Unit
VIL(NRST)
NRST input low level voltage(1)
-0.3
0.3 x VDD
V
VIH(NRST)
NRST input high level voltage(1)
0.7 x VDD
VDD + 0.3
VOL(NRST)
NRST output low level voltage(1)
IOL = 2 mA
0.5
RPU(NRST)
NRST pull-up resistor(2)
30
40
60
k
tIFP(NRST)
NRST input filtered pulse(3)
75
ns
tINFP(NRST)
NRST not input filtered pulse(3)
500
tOP(NRST)
NRST output filtered pulse(3)
15
µs
1. Data based on characterization results, not tested in production.
2. The RPU pull-up equivalent resistor is based on a resistive transistor.
3. Data guaranteed by design, not tested in production.
Table 14. I2C interface characteristics
Symbol
Parameter
Standard mode
Fast mode
Unit
Min.(1)
Max.(1)
Min.(1)
Max.(1)
tw(SCLL)
SCL clock low time
4.7
1.3
µs
tw(SCLH)
SCL clock high time
4.0
0.6
tsu(SDA)
SDA setup time
250
100
ns
th(SDA)
SDA data hold time
0(2)
0(2)
900(2)
tr(SDA) tr(SCL) SDA and SCL rise time (VDD = 3.3 to 5 V)(3)
1000
300
tf(SDA) tf(SCL) SDA and SCL fall time (VDD = 3.3 to 5 V)(3)
300
300
th(STA)
START condition hold time
4.0
0.6
µs
tsu(STA)
Repeated START condition setup time
4.7
0.6
tsu(STO)
STOP condition setup time
4.0
0.6
µs
tw(STO:STA)
STOP to START condition time (bus free)
4.7
1.3
µs
Cb
Capacitive load for each bus line(4)
50
50
pF
1. Data based on standard I2C protocol requirement, not tested in production.
2. The maximum hold time of the start condition has only to be met if the interface does not stretch the low time
3. I2C multifunction signals require the high sink pad configuration and the interconnection of 1 K pull-up resistances.
4. 50 pF is the maximum load capacitance value to meet the I2C std timing specifications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com